Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP178C-DS-R05 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R05
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R05 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R05 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP178C-DS-R05 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP178C-DS-R05 Datasheet HTML 66Page - List of Unclassifed Manufacturers IP178C-DS-R05 Datasheet HTML 67Page - List of Unclassifed Manufacturers IP178C-DS-R05 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP178C-DS-R05 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP178C-DS-R05 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP178C-DS-R05 Datasheet HTML 71Page - List of Unclassifed Manufacturers IP178C-DS-R05 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
68/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
Router control register 2
PORT_LOCK_EN[8:0].
Lock port MAC address
1: enable
0: disable
User has to turn off aging function when using the port locking
function. Aging function can be disabled by pulling low pin 76
AGING or programming register 30.1[3:2].
Bit0
1: port lock enabled in port 0
0: port lock disabled in port 0
Bit1
1: port lock enabled in port 1
0: port lock disabled in port 1
Bit2
1: port lock enabled in port 2
0: port lock disabled in port 2
Bit3
1: port lock enabled in port 3
0: port lock disabled in port 3
Bit4
1: port lock enabled in port 4
0: port lock disabled in port 4
Bit5
1: port lock enabled in port 5
0: port lock disabled in port 5
Bit6
1: port lock enabled in port 6
0: port lock disabled in port 6
Bit7
1: port lock enabled in port 7
0: port lock disabled in port 7
30
31[8:0]
63[0],
62[7:0]
Bit8
1: port lock enabled in MII port
0: port lock disabled in MII port
9’b00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com