Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP175C-DS-R01 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R01
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R01 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R01 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
35/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
2.5
Tag VLAN / Tag and un-tag function
2.5.1
Tag and un-tag function
IP175C/IP175CH inserts or removes a tag of a frame if tagging/ un-tagging function is enabled. It is
enabled by programming MII register 29.23. The operation is illustrated as follows. The tag information is
defined in MII register 29.24~29.30 and EEPROM register 24~38.
The operation of a port which forwards the packet
Frame type of the
received packet
Forward to a untagged filed
Forward to a tagged field
Untagged
Forward the packet without modification
1. Insert a tag using the default VLAN tag
value of the source port
2. Calculate new CRC
3. The default VLAN tag value is defined
in the MII register 29.24~29.30.
Priority-tagged
(VLAN ID=0)
1. Strip tag
2. Calculate new CRC
1. Keep priority field.
2. Replace the tag with the default VLAN
tag value of the source port
3. Calculate new CRC
4. The default VLAN tag value is defined
in the MII register 29.24~29.30.
VLAN-tagged
1. Strip tag
2. Calculate new CRC
Forward the packet without modification
2.5.2
Tag VLAN
If tag VLAN function is enabled (MII register 30.9.7 TAG_VLAN_EN is logic high), IP175C/IP175CH
forwards a packet according to MAC address and VLAN output port masks, defined in MII register
30.1~30.8. A tagged packet is forwarded to the ports belonging to the same VLAN of the packet. One of
the sixteen VLAN output port masks is selected by VID index, which is four bits selected from VID field in
a tag. VID index is defined in MII register 30.9[6:4] VID_IDX_SEL. For example, VLAN output port mask
1 is selected if VID index selected by VID_IDX_SEL is equal to 1.
IP175C/IP175CH handles an un-tagged packet using the default VLAN tag value of its source port. A
packet with VID equal to 12’b0 will be handled as un-tag frame.
2.5.3
Tag/ un-tag function and Tag VLAN function in a router application
Tag/ un-tag and Tag VALN are necessary in a router application with one-MAC CPU, MII0 is connected
to CPU and MII1 is disabled (DIS_MII1=1). PHY0~4 are connected to switching engine MAC 0~4 and
MII0 is connected to switching engine MAC5.
In this application, MII0 is defined as a tagged port and the other ports (port 0~4) are defined as
un-tagged ports. IP175C/IP175CH inserts VLAN tag into packets withsource port information when it
forwards the packets to MII0. The VLAN tags are defined in MII register 29.24~29.30. CPU can identify
the source port of a packet by examining the VLAN tag.
CPU inserts VLAN tag into packets with destination port information following the content in MII register
29.24~29.30 when it sends packets to MII0. IP175C/IP175CH forwards a packet from MII0 to the
appropriate port according to the MAC address and VLAN tag. IP175C/IP175CH removes the VLAN tag
when it forwards the packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com