Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP178CLF Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
21/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
Pin description (continued)
Pin no.
Label
Type
Description
Advance operation parameter setting of switch engine
100
P6_7_HIGH
IPL1
/O
Port6 port7 are set to be high priority port
Packets received from port6 or port7 are handled as high priority
packets if the function is enabled.
1: enable,
0: disabled (default)
It is an input signal during reset and its value is latched at the
end of reset. It acts as a link LED of port 0 after reset.
99
COS_EN
IPL1
/O
Class of service enable
Packets with high priority tag are handled as high priority
packets if the function is enabled.
1: enable,
0: disabled (default)
It is an input signal during reset and its value is latched at the
end of reset. It acts as a link LED of port 1 after reset.
Turn on VLAN
Enable a specific configuration of port base VLAN.
0: disabled (default),
1: enable
IP178C/IP178CH are separated into 7 VLANs if this function is
enabled and MII port is disabled.
The VLAN group is as follows.
Pin 53 EXTMII_EN=0
Pin 53EXTMII_EN=1
VLAN 1
port 0, port 7
port 0~7 & MII port
VLAN 2
port 1, port 7
port 0~7 & MII port
VLAN 3
port 2, port 7
port 0~7 & MII port
VLAN 4
port 3, port 7
port 0~7 & MII port
VLAN 5
port 4, port 7
port 0~7 & MII port
VLAN 6
port 5, port 7
port 0~7 & MII port
VLAN 7
port 6, port 7
port 0~7 & MII port
VLAN 8
NA
port 0~7 & MII port
79
VLAN_ON
IPL1
/O
It is an input signal during reset and its value is latched at the
end of reset. It acts as a full duplex LED of port 3 after reset.
The configuration can be updated by programming EEPROM
register. Please refer to EEPROM register 66~78 for detail
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com