Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP175ALF-DS-R03 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # IP175ALF-DS-R03
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R03 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R03 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
IP175A LF
Preliminary Data Sheet
47/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
ROM
MII
Pin name
Description
Default
EEPROM registers 18H~21H
20[7:0] 1C[7:0]
--
Vlan_tag_4_low
This register defines the low byte of VLAN tag for port 4.
(i.e. Port 4 vlan_tag[7:0])
8’b0
21[7:0] 1C[15:8]
--
Vlan_tag_4_high
This register defines the high byte of VLAN tag for port 4.
(i.e. Port 4 vlan_tag[15:8])
8’b0
ROM
MII
Pin name
Description
(Testing & verify mode register 3)
Default
EEPROM registers 22H
22[7:6]
--
--
Reserved
2’b01
22[5:4]
--
--
Reserved
2’b00
22[3:0]
--
--
Reserved
4’b0000
ROM
MII
Pin name
Description
(Testing & verify mode register 4)
Default
EEPROM registers 23H
23[7:0]
--
--
Reserved
8’h00
ROM
MII
Pin name
Description
(Testing & verify mode register 5)
Default
EEPROM registers 24H
24[7:0]
--
--
Reserved
8’h01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com