Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP1001-DS-R06 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R06
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R06 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R06 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
IP1001 LF
Data Sheet
36/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4.11
1000BASE-T Status Register (Reg10)
Bit
Name
Description
Type
HW
Reset
SW
Reset
10[7:0] Idle Error Count
RO
0x00
0x00
10.8
Reserved
Ignore when read
RO
Reserved to 0
10.9
Reserved
Ignore when read
RO
Reserved to 0
10.10
Link Partner’s
1000BASE-T Half
Duplex Capability
1: Link Partner is capable of 1000BASE-T half
duplex
0: Link Partner is not capable of 1000BASE-T
half duplex
RO
0
0
10.11
Link Partner’s
1000BASE-T Full
Duplex Capability
1: Link Partner is capable of 1000BASE-T full
duplex
0: Link Partner is not capable of 1000BASE-T
full duplex
RO
0
0
10.12
Remote Receiver
Status
1: Remote Receiver OK
0: Remote Receiver Not OK
RO
0
0
10.13
Local Receiver
Status
1: Local Receiver OK
0: Local Receiver Not OK
RO
0
0
10.14
MASTER/SLAVE
Configuration
Resolution
1: Local PHY configuration resolved to
MASTER
0: Local PHY configuration resolved to SLAVE
RO
0
0
10.15
MASTER/SLAVE
Configuration Fault
1: MASTER/SLAVE configuration fault detected
0: No MASTER/SLAVE configuration fault
detected
RO
LH
SC
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com