Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP1001-DS-R02 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R02
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R02 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R02 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
IP1001 LF
Data Sheet
37/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4.12
Extended Status Register (Reg15)
Bit
Name
Description
Type
HW
Reset
SW
Reset
15[11:0]
Reserved
Ignore when read
RO
0x000
0x000
15.12
1000BASE-T
Half Duplex
1: be able to perform half duplex 1000BASE-T
0: not able to perform half duplex 1000BASE-T
RO
1
1
15.13
1000BASE-T
Full Duplex
1: be able to perform full duplex 1000BASE-T
0: not able to perform full duplex 1000BASE-T
RO
1
1
15.14
1000BASE-X
Half Duplex
1: be able to perform half duplex 1000BASE-X
0: not able to perform half duplex 1000BASE-X
RO
0
0
15.15
1000BASE-X
Full Duplex
1: be able to perform full duplex 1000BASE-X
0: not able to perform full duplex 1000BASE-X
RO
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com