Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP113MLF-DS-R03 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R03
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R03 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R03 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
IP113M LF
Preliminary Data Sheet
41/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 17(continued)
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Interrupt register (17D)
17.7
--
Intr_pwabn_en
RW
Remote LP power abnormal interrupt enable
A mask for bit 17.6.
1: not mask interrupt
0: mask interrupt
0
17.8
--
intr_link_mask
RW
Mask TP port link change Interrupt
A mask for bit 17.0.
1: mask,
0: not mask (default)
1
17.9
--
intr_duplex_mask
RW
Mask TP port duplex mode change Interrupt
A mask for bit 17.1.
1: mask interrupt (default),
0: not mask
1
17.10
--
intr_speed_mask
RW
Mask TP port speed mode change Interrupt
A mask for bit 17.2.
1: mask interrupt (default),
0: not mask
1
17.11
--
intr_mf_rx_indc
_mask
RW
Mask maintenance frame receive indication
Interrupt
A mask for bit 17.3.
1: mask interrupt (default),
0: not mask
1
17.12
--
intr_cnt_ov_mask
RW
Mask Statistic counter overflow Interrupt
A mask for bit 17.4.
1: mask interrupt (default),
0: not mask
1
17.13
--
intr_all_mask
RW
Mask all Interrupt
It enables the all mask bits 17.7~17.12.
1: mask interrupt (default),
0: not mask
1
17[15:14]
--
Reserved
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com