Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLC2500C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC2500C
Description  BluetoothTM EDR Single Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500C Datasheet(HTML) 1 Page - STMicroelectronics

  STLC2500C Datasheet HTML 1Page - STMicroelectronics STLC2500C Datasheet HTML 2Page - STMicroelectronics STLC2500C Datasheet HTML 3Page - STMicroelectronics STLC2500C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA BRIEF
For further information contact your local STMicroelectronics sales office.
January 2006
Rev 1
1/4
4
STLC2500C
BluetoothTM EDR Single Chip
Features
■ The lowest power consumption by design and
technology (see
Table 1)
■ World best EDR throughput (see Table 1)
■ World most performing BT-WLAN coexistence
support for several BT/WLAN coexistence
algorithms (i.e. 2/3/4-wire PTA, in a very
flexible and parametrical way to optimize voice
and data quality over Bluetooth and WLAN)
■ Superior voice quality
– Pitch-Period Error Concealment (PPEC) for
improved speech quality (in the vicinity of
interference)
■ Extended range
– Tx output power up to 8 dBm
■ Pre-calibrated RF
– Auto calibration (VCO, filters), no RF
calibration required in production
■ Bluetooth™V2.0 + EDR compliant
– Full EDR support and all BT1.2 errata
– All EDR data rates and packet types
■ Backward compatibility with legacy devices
through extended V1.2 feature support
– Adaptive Frequency Hopping (AFH)
– Faster connections through interlaced scan
– Extended SCO (eSCO) links
■ Point-to-point, point-to-multi-point
(up to 7 slaves) and scatternet capability
■ Asynchronous Connection-Less (ACL) logical
transport link
■ Synchronous Connection Oriented (SCO) link
for 2 simultaneous SCO channels at 64Kbps
■ Clock support for all cellular standards: system
clock input and low power clock
■ ARM7TDMI CPU with 32-bit core and AMBA
(AHB-APB) bus configuration
■ Patch RAM capability
■ On-chip RAM, on-chip ROM
■ Communication interfaces
– Fast UART up to 4Mbps for HCI
– SPI interface up to 6 Mbps for HCI
– PCM interface for voice
– WirelessLAN coexistence with 2, 3, 4 wires
– 19 programmable GPIOs
– Fast master I2C interface
■ Ciphering support up to 128-bit keys
■ Software support up to HCI stack
– H4 and H5 HCI transport layer
– HCI proprietary commands and single HCI
command for patch/upgrade download
■ Internal power management
■ Supports 1.65V to 2.85 Volts IO systems
■ Seven external components: six decoupling
capacitors and one single antenna interface
■ Ultra low power architecture with 3 different low
power modes: sleep , deep sleep and
complete power down
Description
The STLC2500C is a single chip ROM-based
Bluetooth solution implemented in 0.13 µm ultra
low power, ultra low leakage CMOS technology
for mobile terminal applications requiring
integration up to HCI level. Patch RAM is
available, enabling multiple patches/upgrades.
The STLC2500C offers multiple interface options.
The radio has been designed specifically for
single chip requirements for minimal consumption
and BOM count.
WFBGA48 (4.5mm x 4.5 mmx 0.8 mm)
www.st.com


Similar Part No. - STLC2500C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
BLUETOOTH™ SINGLE CHIP
May 2004 REV. 1
STLC2500A STMICROELECTRONICS-STLC2500A Datasheet
338Kb / 37P
Bluetooth Single Chip
03-Feb-2006
STLC2500ATR STMICROELECTRONICS-STLC2500ATR Datasheet
338Kb / 37P
Bluetooth Single Chip
03-Feb-2006
More results

Similar Description - STLC2500C

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2968 RFMD-RF2968 Datasheet
150Kb / 20P
BLUETOOTHTM TRANSCEIVER
logo
List of Unclassifed Man...
BC41B143A-DS-001PE ETC1-BC41B143A-DS-001PE Datasheet
1Mb / 102P
BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR
BC41B143A-DS-002PD ETC1-BC41B143A-DS-002PD Datasheet
800Kb / 89P
BlueCore 4-ROM CSP EDR Single Chip Bluetooth v2.0 EDR System
BC41B143A-DS-003PC ETC1-BC41B143A-DS-003PC Datasheet
2Mb / 94P
BlueCore 4-ROM Plug-n-Go Single Chip Bluetooth v2.0 EDR System
logo
National Semiconductor ...
LMX9830 NSC-LMX9830 Datasheet
940Kb / 46P
BluetoothTM Serial Port Module
logo
Broadcom Corporation.
BCM2045 BOARDCOM-BCM2045 Datasheet
99Kb / 2P
BLUTONIUM BLUETOOTH 2.0 EDR SINGLE-CHIP HCI SOLUTION
BCM2048 BOARDCOM-BCM2048 Datasheet
148Kb / 2P
BLUETOOTH 2.0 EDR SINGLE-CHIP HCI SOLUTION WITH INTEGRATED FMRDS RADIO RECEIVER
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
Bluetooth v2.0 EDR specification
logo
Cypress Semiconductor
CYW20715 CYPRESS-CYW20715 Datasheet
3Mb / 47P
Bluetooth 4.0 EDR compliant
logo
Broadcom Corporation.
BCM2070 BOARDCOM-BCM2070 Datasheet
216Kb / 2P
BLUETOOTH 2.1 EDR SINGLE-CHIP HCI SOLUTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com