Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5618AMFKB Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 2 Page - Texas Instruments

  TLC5618AMFKB Datasheet HTML 1Page - Texas Instruments TLC5618AMFKB Datasheet HTML 2Page - Texas Instruments TLC5618AMFKB Datasheet HTML 3Page - Texas Instruments TLC5618AMFKB Datasheet HTML 4Page - Texas Instruments TLC5618AMFKB Datasheet HTML 5Page - Texas Instruments TLC5618AMFKB Datasheet HTML 6Page - Texas Instruments TLC5618AMFKB Datasheet HTML 7Page - Texas Instruments TLC5618AMFKB Datasheet HTML 8Page - Texas Instruments TLC5618AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The 8-terminal small-outline D package allows digital control of analog functions in space-critical applications.
The TLC5618C is characterized for operation from 0
°C to 70°C. The TLC5618I is characterized for operation
from – 40
°C to 85°C. The TLC5618Q is characterized for operation from –40°C to 125°C. The TLC5618M is
characterized for operation from – 55
°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE†
(D)
PLASTIC DIP
(P)
CERAMIC DIP
(JG)
20 PAD LCC
(FK)
0
°C to 70°C
TLC5618CD
TLC5618ACD
TLC5618CP
TLC5618ACP
—
—
—
—
– 40
°C to 85°C
TLC5618ID
TLC5618AID
TLC5618IP
TLC5618AIP
—
—
—
—
– 40
°C to 125°C
TLC5618AQD
—
—
—
– 55
°C to 125°C
—
—
TLC5618AMJG
TLC5618AMFK
† The D package is available in tape and reel by adding R to the part number (e.g., TLC5618CDR)
DEVICE
COMPATIBILITY
TLC5618
SPI, QSPI and Microwire
TLC5618A
TMS320Cxx, SPI, QSPI, and Microwire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com