Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPLAH90 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPLAH90
Description  Nanostack Pulsed Laser Diode Array 75 W Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLAH90 Datasheet(HTML) 4 Page - OSRAM GmbH

  SPLAH90_3 Datasheet HTML 1Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 2Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 3Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 4Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 5Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 6Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 7Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPL AH90_3
2007-04-19
4
Elektrischer Widerstand der Laserheizung
Electrical resistance of laser heating
R
heat
16
20
24
Ohm
Zentrale Emissionswellenlänge im
Betreibstemperaturbereich -40...+30°C bei
Lasermodul mit Heizung
Emission wavelength in operating temperature
range -40...+30°C for laser module with
heating
λ
peak, heat
895
–
–
nm
1)
Standardbetriebsbedingungen beziehen sich auf eine Pulsbreite von 10-20 ns bei einer Frequenz von 1kHz und
einem Betriebsstrom von 31 A bei
T
A = 25 °C.
Standard operating conditions refer to pulses of 10-20 ns pulse width at 1 kHz rate with 31 A operating current at
T
A = 25 °C.
Optische Kennwerte (
T
A = 25 °C)
Optical Characteristics (cont’d)
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com