Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73643DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73643DBVT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73643DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73643DBVT Datasheet HTML 3Page - Texas Instruments TPS73643DBVT Datasheet HTML 4Page - Texas Instruments TPS73643DBVT Datasheet HTML 5Page - Texas Instruments TPS73643DBVT Datasheet HTML 6Page - Texas Instruments TPS73643DBVT Datasheet HTML 7Page - Texas Instruments TPS73643DBVT Datasheet HTML 8Page - Texas Instruments TPS73643DBVT Datasheet HTML 9Page - Texas Instruments TPS73643DBVT Datasheet HTML 10Page - Texas Instruments TPS73643DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
1000
900
800
700
600
500
400
300
200
100
0
0
100
200
300
400
IOUT (mA)
V
IN = 5.5V
V
IN = 4V
V
IN = 2V
1000
900
800
700
600
500
400
300
200
100
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
I
OUT = 400mA
V
IN = 5.5V
V
IN = 3V
V
IN = 2V
1
0.1
0.01
−50
−25
0
25
50
75
100
125
Temperature (
_C)
V
ENABLE = 0.5V
V
IN = VO + 0.5V
800
700
600
500
400
300
200
100
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
OUT (V)
TPS73633
I
CL
I
SC
800
750
700
650
600
550
500
450
400
1.5
2.5
3.0
3.5
4.0
4.5
5.0
2.0
5.5
V
IN (V)
800
750
700
650
600
550
500
450
400
−50
−25
0
25
50
75
100
125
Temperature (
_C)
TPS736xx
SBVS038Q – SEPTEMBER 2003 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
For all voltage versions, at TJ = +25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1μF, unless otherwise
noted.
GROUND PIN CURRENT vs OUTPUT CURRENT
GROUND PIN CURRENT vs TEMPERATURE
Figure 9.
Figure 10.
GROUND PIN CURRENT in SHUTDOWN
CURRENT LIMIT vs VOUT
vs TEMPERATURE
(FOLDBACK)
Figure 11.
Figure 12.
CURRENT LIMIT vs VIN
CURRENT LIMIT vs TEMPERATURE
Figure 13.
Figure 14.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS736xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com