| Electronic Components Datasheet Search |
|
ZSC31150FEC-R Datasheet(PDF) 10 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
ZSC31150FEC-R Datasheet(HTML) 10 Page - Zentrum Mikroelektronik Dresden AG |
|
10 / 24 page ![]() ZSC31150 Fast Automotive Sensor Signal Conditioner Data Sheet August 31, 2010 © 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.07 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 10 of 24 2 Circuit Description 2.1. Signal Flow The ZSC31150’s signal path is partly analog and partly digital. The analog part is realized differentially – this means, the differential bridge sensor signal is internally handled via two signal lines, which are rejected symmetrically around an internal common mode potential (analog ground = VDDA/2). Consequently, it is possible to amplify positive and negative input signals, which are located within the common mode range of the signal input. Figure 2.1 Block Diagram of the ZSC31150 The differential signal from the bridge sensor is pre-amplified by the Programmable Gain Amplifier (PGA). The Multiplexer (MUX) transmits the signals from either the bridge sensor, the external diode, or the separate temperature sensor, to the Analog-to-Digital Converter (ADC) in a certain sequence (instead of the temperature diode, the internal pn-junction (TS) can be used optionally). Afterwards, the ADC converts these signals into digital values. The digital signal correction takes place in the calibration microcontroller (CMC). It is based on a correction formula located in the ROM and on sensor-specific coefficients stored in the EEPROM during calibration. Dependent on the programmed output configuration, the corrected sensor signal is output as an analog value or in a digital format (I²C TM or ZACwireTM). The configuration data and the correction parameters can be programmed into the EEPROM via the digital interfaces. PGA Programmable Gain Amplifier MUX Multiplexer ADC Analog-to-Digital Converter CMC Calibration Microcontroller DAC Digital-to-Analog Converter BAMP Buffer Amplifier – output buffer OPAMP EEPROM Non Volatile Memory for Calibration Parameters and Configuration TS On-chip Temperature Sensor (pn-junction) ROM Memory for Correction Formula and –Algorithm RAM Volatile Memory for Calibration Parameters and Configuration PGA TS ADC CMC ROM RAM EEPROM DAC BAMP ZACwireTM I2C MUX Analog Block Digital Block ZSC31150 Digital Data I/O Analog Out |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |