Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT6SD Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCT6SD
Description  8-Pin Dual Channel Phototransistor Optocouplers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCT6SD Datasheet(HTML) 4 Page - ON Semiconductor

  MCT6SD Datasheet HTML 1Page - ON Semiconductor MCT6SD Datasheet HTML 2Page - ON Semiconductor MCT6SD Datasheet HTML 3Page - ON Semiconductor MCT6SD Datasheet HTML 4Page - ON Semiconductor MCT6SD Datasheet HTML 5Page - ON Semiconductor MCT6SD Datasheet HTML 6Page - ON Semiconductor MCT6SD Datasheet HTML 7Page - ON Semiconductor MCT6SD Datasheet HTML 8Page - ON Semiconductor MCT6SD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT6, MCT61, MCT62 Rev.1.6
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. TA = 25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature
-55 to +150
°C
TOPR
Operating Temperature
-55 to +100
°C
TJ
Junction Temperature
-55 to +125
°C
TSOL
Lead Solder Temperature
260 for 10 sec-
onds
°C
PD
Total Device Power Dissipation @ TA = 25°C
400
mW
Derate Above 25°C
5.33
mW/°C
EMITTER (Each channel)
IF
DC / Average Forward Input Current
60
mA
IF(pk)
Forward Current - Peak (PW = 1μs, 300pps)
3
A
VR
Reverse Input Voltage
3
V
PD(EMITTER)
Total Power Dissipation @ TA = 25°C
100
mW
Derate Above 25°C
1.3
mW/°C
DETECTOR
IC
Continuous Collector Current
30
mA
PD(DETECTOR)
Total Power Dissipation @ TA = 25°C
150
mW
Derate Above 25°C
2.0
mW/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com