| Electronic Components Datasheet Search |
|
UVR1E331MPD Datasheet(PDF) 4 Page - Nichicon corporation |
|
|
|||||||||||||||||||||||||||||
UVR1E331MPD Datasheet(HTML) 4 Page - Nichicon corporation |
|
4 / 4 page ALUMINUM ELECTROLYTIC CAPACITORS CAT.8100M UVR Rated Voltage (V) (code) Rated Capacitance (µF) Case Size φD×L(mm) tan δ Leakage Current (µA) Rated Ripple (mArms) (85℃/120Hz) Part Number at 20℃ after 1 minute at 20℃ after 2 minutes 315 (2F) 2.2 8×11.5 0.20 109.3 - 33 UVR2F2R2MPD 3.3 10×12.5 0.20 141.58 - 55 UVR2F3R3MPD 4.7 10×12.5 0.20 159.22 - 65 UVR2F4R7MPD 10 10×20 0.20 226 - 115 UVR2F100MPD 22 12.5×20 0.20 377.2 - 190 UVR2F220MHD 33 16×25 0.20 515.8 - 275 UVR2F330MHD 47 16×25 0.20 692.2 - 340 UVR2F470MHD 100 18×35.5 0.20 1360 - 560 UVR2F101MHD 350 (2V) 2.2 8×11.5 0.25 117 - 38 UVR2V2R2MPD 3.3 10×12.5 0.25 146.2 - 55 UVR2V3R3MPD 4.7 10×12.5 0.25 165.8 - 65 UVR2V4R7MPD 10 10×20 0.25 240 - 115 UVR2V100MPD 22 12.5×25 0.25 408 - 200 UVR2V220MHD 33 16×25 0.25 562 - 275 UVR2V330MHD 47 16×35.5 0.25 758 - 380 UVR2V470MHD 100 18×40 0.25 1500 - 590 UVR2V101MHD 400 (2G) 1 8×11.5 0.25 80 - 25 UVR2G010MPD 2.2 10×12.5 0.25 128 - 45 UVR2G2R2MPD 3.3 10×12.5 0.25 152.8 - 55 UVR2G3R3MPD 4.7 10×16 0.25 175.2 - 70 UVR2G4R7MPD 10 12.5×20 0.25 260 - 130 UVR2G100MHD 22 16×25 0.25 452 - 240 UVR2G220MHD 33 16×30.5 0.25 628 - 300 UVR2G330MHD 47 16×35.5 0.25 852 - 370 UVR2G470MHD 450 (2W) 1 8×11.5 0.25 85 - 23 UVR2W010MPD 2.2 10×12.5 0.25 139 - 35 UVR2W2R2MPD 3.3 10×16 0.25 159.4 - 45 UVR2W3R3MPD 4.7 10×20 0.25 184.6 - 55 UVR2W4R7MPD 10 12.5×20 0.25 280 - 90 UVR2W100MHD 22 16×25 0.25 496 - 165 UVR2W220MHD 33 16×35.5 0.25 694 - 230 UVR2W330MHD 47 18×40 0.25 946 - 300 UVR2W470MHD ■ Dimensions For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ). If there is no size code in the part number, please add size code “1” and then add the appropriate code. For formed lead or taped product specifications and minimum order quantity, please refer to the Guidelines for Aluminum Electrolytic Capacitors. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |