Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVR1C331MPD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UVR1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVR1C331MPD Datasheet(HTML) 3 Page - Nichicon corporation

  UVR1C331MPD Datasheet HTML 1Page - Nichicon corporation UVR1C331MPD Datasheet HTML 2Page - Nichicon corporation UVR1C331MPD Datasheet HTML 3Page - Nichicon corporation UVR1C331MPD Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UVR
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(85℃/120Hz)
Part Number
at 20℃ after
1 minute
at 20℃ after
2 minutes
50
(1H)
100
8×11.5
0.12
150
50
260
 UVR1H101MPD
220
10×12.5
0.12
330
110
430
 UVR1H221MPD
330
10×16
0.12
495
165
590
 UVR1H331MPD
470
12.5×20
0.12
705
235
760
 UVR1H471MHD
1000
12.5×25
0.12
1500
500
1350
 UVR1H102MHD
2200
16×35.5
0.14
3300
1100
2100
 UVR1H222MHD
3300
18×35.5
0.16
4950
1650
2500
 UVR1H332MHD
63
(1J)
100
10×12.5
0.10
189
63
300
 UVR1J101MPD
220
10×16
0.10
415.8
138.6
490
 UVR1J221MPD
330
10×20
0.10
623.7
207.9
710
 UVR1J331MPD
470
12.5×20
0.10
888.3
296.1
900
 UVR1J471MHD
1000
16×25
0.10
1890
630
1300
 UVR1J102MHD
2200
18×35.5
0.12
4158
1386
2300
 UVR1J222MHD
100
(2A)
33
8×11.5
0.08
99
33
180
 UVR2A330MPD
47
10×12.5
0.08
141
47
230
 UVR2A470MPD
100
10×20
0.08
300
100
370
 UVR2A101MPD
220
12.5×25
0.08
660
220
620
 UVR2A221MHD
330
12.5×25
0.08
990
330
760
 UVR2A331MHD
470
16×25
0.08
1410
470
1000
 UVR2A471MHD
1000
18×40
0.08
3000
1000
1380
 UVR2A102MHD
160
(2C)
10
8×11.5
0.20
164
-
80
 UVR2C100MPD
22
10×16
0.20
240.8
-
155
 UVR2C220MPD
33
10×20
0.20
311.2
-
205
 UVR2C330MPD
47
12.5×20
0.20
400.8
-
270
 UVR2C470MHD
100
12.5×25
0.20
740
-
430
 UVR2C101MHD
220
16×35.5
0.20
1508
-
800
 UVR2C221MHD
330
18×40
0.20
2212
-
940
 UVR2C331MHD
200
(2D)
4.7
8×11.5
0.20
134
-
55
 UVR2D4R7MPD
10
10×12.5
0.20
180
-
95
 UVR2D100MPD
22
10×20
0.20
276
-
170
 UVR2D220MPD
33
12.5×20
0.20
364
-
230
 UVR2D330MHD
47
12.5×20
0.20
476
-
270
 UVR2D470MHD
100
16×30.5
0.20
900
-
530
 UVR2D101MHD
220
18×35.5
0.20
1860
-
810
 UVR2D221MHD
250
(2E)
3.3
8×11.5
0.20
122.5
-
46
 UVR2E3R3MPD
4.7
8×11.5
0.20
147
-
55
 UVR2E4R7MPD
10
10×16
0.20
200
-
105
 UVR2E100MPD
22
12.5×20
0.20
320
-
190
 UVR2E220MHD
33
12.5×20
0.20
430
-
230
 UVR2E330MHD
47
12.5×25
0.20
570
-
300
 UVR2E470MHD
100
16×30.5
0.20
1100
-
520
 UVR2E101MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com