| Electronic Components Datasheet Search |
|
CBLUSB01 Datasheet(PDF) 23 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
CBLUSB01 Datasheet(HTML) 23 Page - Red Lion Controls. Inc |
|
23 / 36 page ![]() 23 23 6-SPt ACt-n Setpoint Select SPSEL Setpoint Value SP-n Output Logic out-n HYS-n Setpoint Hysteresis tON-n On Time Delay Off Time Delay tOF-n Standby Operation Stb-n Reset Action rSt-n PAR Pro Burn-out Action brn-n Setpoint Action LIt-n Setpoint Annunciators PAXT ONLY 6.6 mOdUle 6 - seTpOinT (alarm) parameTers () Ñ PARAMETER MENU Enter the setpoint (alarm output) to be programmed. The in the following parameters will reflect the chosen setpoint number. After the chosen setpoint is completely programmed, the display will return to . Repeat step for each setpoint to be programmed. The chosen at will return to . The number of setpoints available is setpoint output card dependent. SETPOINT SELECT * Deviation and band action setpoints are relative to the value of setpoint 1. It is not possible to configure setpoint 1 as deviation or band actions. It is possible to use setpoint 1 for an absolute action, while its value is being used for deviation or band. ** The lower Totalizer action allows setpoints to function off of the lower 5 digits of the Totalizer. The upper Totalizer action allows setpoints to function off of the upper 4 digits of the Totalizer. To obtain absolute low alarms for the Totalizer, program the or output logic as reverse. Enter the action for the selected setpoint (alarm output). See Setpoint Alarm Figures for a visual detail of each action. SETPOINT ACTION = Absolute high, with balanced hysteresis Absolute low, with balanced hysteresis Absolute high, with unbalanced hysteresis Absolute low, with unbalanced hysteresis Deviation low, with unbalanced hysteresis * = Outside band, with unbalanced hysteresis * Upper Totalizer absolute high, unbalance hysteresis** = = = = = = = = Setpoint always off, (returns to SPSEL NO) Deviation high, with unbalanced hysteresis * Lower Totalizer absolute high, unbalance hysteresis** Setpoint Alarm Figures With reverse output logic , the below alarm states are opposite. ALARM STATE OFF ON Hys SP + Hys SP OFF TRIGGER POINTS ALARM STATE ON OFF Hys SP1 + (-SPn) SP1 ON TRIGGER POINTS Absolute Low Acting (Unbalanced Hys) = Deviation High Acting (SP < 0) = ALARM STATE OFF ON Hys SP + ½Hys SP SP - ½Hys OFF TRIGGER POINTS ALARM STATE OFF ON Hys SP1 + SPn SP1 OFF TRIGGER POINTS ALARM STATE ON OFF Hys SP1 - (-SPn) SP1 ON TRIGGER POINTS Absolute Low Acting (Balanced Hys) = Deviation High Acting (SP > 0) = Deviation Low Acting (SP < 0)= ALARM STATE OFF ON Hys SP SP - Hys OFF TRIGGER POINTS ALARM STATE OFF ON Hys SP1 - SPn SP1 OFF TRIGGER POINTS ALARM STATE OFF ON Hys SP1 - SPn SP1 OFF SP1 + SPn ON OFF Hys TRIGGER POINTS Absolute High Acting (Unbalanced Hys) = This is also for Totalizer alarms: , Deviation Low Acting (SP > 0) = Band Outside Acting = ALARM STATE OFF ON Hys SP + ½Hys SP SP - ½Hys OFF TRIGGER POINTS Absolute High Acting (Balanced Hys) = Depending on the card installed, there will be two or four setpoint outputs available. For maximum input frequency, unused Setpoints should be configured for action. The setpoint assignment and the setpoint action determine certain setpoint feature availability. Ñ - A setpoint card must be installed in order to access this module. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |