Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT-R42W Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # FT-R42W
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R42W Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button FT-R42W Datasheet HTML 8Page - Panasonic Semiconductor FT-R42W Datasheet HTML 9Page - Panasonic Semiconductor FT-R42W Datasheet HTML 10Page - Panasonic Semiconductor FT-R42W Datasheet HTML 11Page - Panasonic Semiconductor FT-R42W Datasheet HTML 12Page - Panasonic Semiconductor FT-R42W Datasheet HTML 13Page - Panasonic Semiconductor FT-R42W Datasheet HTML 14Page - Panasonic Semiconductor FT-R42W Datasheet HTML 15Page - Panasonic Semiconductor FT-R42W Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Digital Fiber Sensor
FX-410 SERIES
180
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Cascading
• Make sure that the power supply is off while adding or
removing the amplifiers.
• Make sure to check the allowable ambient temperature,
as it depends on the number of amplifiers connected in
cascade.
• In case two, or more, amplifiers are connected in
cascade, make sure to mount them on a DIN rail.
• When the amplifiers move on the DIN rail depending
on the attaching condition or the amplifiers are
mounted close to each other in cascade, fit them
between the optional end plates (
MS-DIN-E) mounted
at the two ends.
• Up to maximum 15 amplifiers can be added (total 16
amplifiers connected in cascade.)
• When connecting more than two amplifiers in
cascade, use the sub cable (
CN-71-C□) as the quick-
connection cable for the second amplifier onwards.
• When connecting amplifiers not close to each other
in parallel, be sure to mount the optional end plate
(
MS-DIN-E) at both sides of each amplifier or affix
the communication window seal of the optional
fiber amplifier protection seal (
FX-MB1) to the
communication windows. For details, refer to the
instruction manual enclosed with the
FX-MB1.
• When the different LED (red / blue / green) types are
connected in cascade, mount the identical models
together.
• When this product is used with the other digital fiber
amplifiers, be sure to place this product to the left
most position (When you look from the connector
side). If this product is not placed to the leftmost
position, this product may not operate properly.
• When the setting switch is pressed and held for 2 sec. or
more, “SET” mode (mode setting screen) is activated.
• If the setting switch is pressed while in “SET” mode, the
mode will change.
• If the threshold value adjuster is turned while a mode is
active, the setting item will change and blink.
• When the setting switch is pressed at the item you
would like to set, it blinks 3 times and then the setting is
confirmed and the mode switches to the next mode.
• If the setting switch is pressed and held for 2 sec. or
more or do not press any key for 15 sec. while “SET”
mode is active, the mode will switch automatically to
“RUN” mode.
Mode selection
Switching output operation
Threshold value (sensitivity) adjustment
PRECAUTIONS FOR PROPER USE
Refer to p.1458~ for general precautions.
Cascading method
Main cable
(
CN-73-C ) (Optional)
Sub cable
(
CN-71-C ) (Optional)
Slide
End plate
(
MS-DIN-E) (Optional)
End plate
(
MS-DIN-E) (Optional)
Slide
Disappears automatically
after 2 seconds.
Disappears automatically
after 2 seconds.
(Threshold value)
Dismantling
Mount the amplifiers,
one by one, on the
DIN rail.
Slide the amplifiers
next to each other,
and connect the
quick-connection
cables.
Mount the optional
end plates
(
MS-DIN-E) at both
the ends to hold the
amplifiers between
their flat sides.
Tighten the screws to
fix the end plates.
Loosen the screws of
the end plates.
Remove the end
plates.
Slide the amplifiers
and remove them
one by one.
• The operation selection switch can be used to display
different output operations (L-ON / D-ON) on the digital
display.
• When the threshold value adjuster is turned clockwise,
the threshold value increases. When the threshold value
adjuster is turned counterclockwise, the threshold value
decreases.
When set to Dark-ON (D-ON)
When set to Light-ON (L-ON)
Threshold value setting method
Check the incident light
intensity [in the digital display
(red)] when a sensing object
is placed in the sensing
position.
Check the incident light
intensity [in the digital display
(red)] when the sensing object
is removed from the sensing
position.
Turn the threshold value adjuster to the threshold value
[in the digital display (green)] that is the value in between
and . (The threshold value is automatically written
to the EEPROM.)
Sensing
object
(Incident light intensity)
(Incident light intensity)
(Threshold value)
• If there is a sufficient level of margin in the incident
light intensity, the stability indicator (green) will light up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com