Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT-R40 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # FT-R40
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R40 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button FT-R40 Datasheet HTML 3Page - Panasonic Semiconductor FT-R40 Datasheet HTML 4Page - Panasonic Semiconductor FT-R40 Datasheet HTML 5Page - Panasonic Semiconductor FT-R40 Datasheet HTML 6Page - Panasonic Semiconductor FT-R40 Datasheet HTML 7Page - Panasonic Semiconductor FT-R40 Datasheet HTML 8Page - Panasonic Semiconductor FT-R40 Datasheet HTML 9Page - Panasonic Semiconductor FT-R40 Datasheet HTML 10Page - Panasonic Semiconductor FT-R40 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
173 DigitalFiberSensorFX-410SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Model No.
Sensing range (mm in) (Note 1, 2) / Description
Dimensions
Red LED
Blue LED
Green LED
U-LG
STD
FAST
U-LG
STD
FAST
U-LG
STD
FAST
FD-30
200 7.874
48 1.890
35 1.378
40 1.575
9 0.354
6 0.236
18 0.709
5 0.197
3 0.118 P.59
FD-31
175 6.890
45 1.772
34 1.339
35 1.378
8 0.315
5 0.197
16 0.630
4 0.157
2 0.079 P.59
FD-31W
120 4.724
20 0.787
15 0.591
16 0.630
3 0.118 1 to 2.5 0.039 to 0.098
7 0.276 1 to 2.5 0.039 to 0.098
–
P.59
FD-32G
240 9.449
52 2.047
38 1.496
48 1.890
11 0.433
8 0.315
24 0.945
5 0.197
4 0.157 P.59
FD-32GX
320 12.598
50 1.969
38 1.496
50 1.969
12 0.472
9 0.354
24 0.945
7 0.276
4 0.157 P.59
FD-40
200 7.874
48 1.890
35 1.378
40 1.575
9 0.354
6 0.236
18 0.709
5 0.197
3 0.118 P.59
FD-41
175 6.890
45 1.772
34 1.339
35 1.378
8 0.315
5 0.197
16 0.630
4 0.157
2 0.079 P.59
FD-41S
175 6.890
40 1.575
30 1.181
35 1.378
8 0.315
5 0.197
16 0.630
4 0.157
2 0.079 P.59
FD-41SW
120 4.724
20 0.787
15 0.591
18 0.709 1 to 4 0.039 to 0.157 1 to 2.5 0.039 to 0.098
12 0.472 1 to 2.5 0.039 to 0.098
–
P.59
FD-41W
330 12.992
70 2.756
50 1.969
54 2.126 0.5 to 13 0.020 to 0.512 1 to 8 0.039 to 0.315
29 1.142 1.5 to 7 0.059 to 0.276 1.5 to 4.5 0.059to0.177 P.59
FD-42G
240 9.449
52 2.047
38 1.496
48 1.890
11 0.433
8 0.315
24 0.945
5 0.197
4 0.157 P.60
FD-42GW
240 9.449
40 1.575
30 1.181
30 1.181
7 0.276
5 0.197
15 0.591
4 0.157
2 0.079 P.60
FD-60
600 23.622
150 5.906
100 3.937
130 5.118
30 1.181
20 0.787
70 2.756
20 0.787
13 0.512 P.60
FD-61
510 20.079
140 5.512
90 3.543
105 4.134
27 1.063
18 0.709
65 2.559
16 0.630
11 0.433 P.60
FD-61G
460 18.110
110 4.331
80 3.150
105 4.134
27 1.063
18 0.709
55 2.165
15 0.591
9 0.354 P.60
FD-61S
500 19.685
140 5.512
95 3.740
105 4.134
27 1.063
18 0.709
65 2.559
16 0.630
11 0.433 P.60
FD-61W
330 12.992
70 2.756
50 1.969
54 2.126 0.5 to 13 0.020 to 0.512 1 to 8 0.039 to 0.315
29 1.142 1.5 to 7 0.059 to 0.276 1.5 to 4.5 0.059 to 0.177 P.60
FD-62
820 32.283
180 7.087
130 5.118
160 6.299 1 to 44 0.039 to 1.732 1 to 29 0.039 to 1.142
98 3.858 1 to 26 0.039 to 1.024 1 to 18 0.039 to 0.709 P.60
FD-64X
380 14.961
80 3.150
55 2.165
54 2.126 0.5 to 14 0.020 to 0.551 0.5 to 9 0.020 to 0.354
27 1.063 0.5 to 7 0.020 to 0.276 0.5 to 4.5 0.020 to 0.177 P.61
FD-A16
200 7.874
100 3.937
75 2.953
30 1.181
13 0.512
13 0.512
57 2.244
14 0.551
–
P.61
FD-AL11
460 18.110
100 3.937
70 2.756
70 2.756
17 0.669
10 0.394
45 1.772
9 0.354
6 0.236 P.61
FD-E13
20 0.787
4 0.157
3 0.118
2.5 0.098
0.7 0.028
–
1.5 0.059
–
–
P.61
FD-E23
75 2.953
15 0.591
10 0.394
10 0.394
2.5 0.098
1.5 0.059
5 0.197
1.3 0.051
0.9 0.035 P.61
FD-EG30
90 3.543
15 0.591
10 0.394
10 0.394
2.5 0.098
1.5 0.059
5 0.197
1.3 0.051
0.9 0.035 P.61
FD-EG30S
85 3.346
15 0.591
10 0.394
10 0.394
2.5 0.098
1.5 0.059
5 0.197
1.3 0.051
0.9 0.035 P.62
FD-EG31
25 0.984
5 0.197
4 0.157
4 0.157
1 0.039
0.5 0.020
2 0.079
–
–
P.62
FD-F4
Applicable pipe diameter: Outer dia. ø6 to ø26 mm ø0.236 to ø1.024 in transparent pipe
[PFA (fluorine resin) or equivalently transparent pipe, wall thickness 1 mm 0.039 in]
Liquid absent: Beam received, Liquid present: Beam interrupted
P.62
FD-F41
Applicable pipe diameter: Outer dia. ø6 to ø26 mm ø0.236 to ø1.024 in transparent pipe
[PVC (vinyl chloride), fluorine resin, polycarbonate, acrylic, glass, wall thickness 1 to 3 mm 0.039 to 0.118 in]
Liquid absent: Beam received, Liquid present: Beam interrupted
P.62
FD-F41Y (Note 3)
ø4 mm ø0.157 in
Protective tube: Fluorine resin, length 500 mm 19.685 in (cuttable)
Liquid surface not contacted: Beam received, Liquid surface contacted: Beam interrupted
P.62
FD-F8Y
ø6 mm ø0.236 in
Protective tube: Fluorine resin, length 1,000 mm 39.370 in (not cuttable)
Liquid surface not contacted: Beam received, Liquid surface contacted: Beam interrupted
P.62
FD-FA93
Applicable pipe diameter: Outer dia. ø8 mm ø0.315 in or more transparent pipe
(When used with the tying bands: ø8 to ø80 mm ø0.315 to ø3.150 in)
[PFA (fluorine resin), including translucent] Liquid absent: Beam received, Liquid present: Beam interrupted
P.62
FD-H13-FM2
430 16.929
100 3.937
70 2.756
40 1.575
10 0.394
7 0.276
40 1.575
10 0.394
7 0.276 P.63
FD-H18-L31
0 to 25 0 to 0.984 0 to 10 0 to 0.394 0 to 8 0 to 0.315
–
–
–
–
–
–
P.63
FD-H20-21
350 13.780
90 3.543
65 2.559
65 2.559
13 0.512
9 0.354
45 1.772
10 0.394
7 0.276 P.63
FD-H20-M1
270 10.630
85 3.346
60 2.362
60 2.362
14 0.551
10 0.394
58 2.283
10 0.394
7 0.276 P.63
FD-H25-L43 (Note 4) 2.5 to 29
0.098 to 1.142
4 to 20
0.157 to 0.787
4 to 16
0.157 to 0.630
–
–
–
–
–
–
P.63
FD-H25-L45 (Note 4) 5 to 42
0.197 to 1.654
7 to 38
0.276 to 1.496
7 to 35
0.276 to 1.437
–
–
–
–
–
–
P.63
Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
2) The sensing range is specified for white non-glossy paper.
3) Liquid inflow prevention joint, protective tube extension joint, fiber mounting joint are available. Please refer to p.38 for details.
4) The sensing range is specified for transparent glass 100 × 100 × t0.7 mm 3.937 × 3.937 × t0.028 in
Reflective type
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
LIST OF FIBERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com