Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT-R31 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # FT-R31
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R31 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button FT-R31 Datasheet HTML 4Page - Panasonic Semiconductor FT-R31 Datasheet HTML 5Page - Panasonic Semiconductor FT-R31 Datasheet HTML 6Page - Panasonic Semiconductor FT-R31 Datasheet HTML 7Page - Panasonic Semiconductor FT-R31 Datasheet HTML 8Page - Panasonic Semiconductor FT-R31 Datasheet HTML 9Page - Panasonic Semiconductor FT-R31 Datasheet HTML 10Page - Panasonic Semiconductor FT-R31 Datasheet HTML 11Page - Panasonic Semiconductor FT-R31 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Digital Fiber Sensor
FX-410 SERIES
174
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
LIST OF FIBERS
Reflective type
Model No.
Sensing range (mm in) (Note 1, 2) / Description
Dimensions
Red LED
Blue LED
Green LED
U-LG
STD
FAST
U-LG
STD
FAST
U-LG
STD
FAST
FD-H30-KZ1V-S
(Note 3,4)
20 to 300
0.787 to 11.811
25 to 100
0.984 to 3.937
25 to 45
0.984 to 1.772
–
–
–
–
–
–
P.64
FD-H30-L32
0 to 20 0 to 0.787 1 to 8 0.039 to 0.315 1 to 6 0.039 to 0.236
–
–
–
–
–
–
P.64
FD-H30-L32V-S
(Note 3,4)
0 to 11
0 to 0.433
1.5 to 5
0.059 to 0.197
2 to 4
0.079 to 0.157
–
–
–
–
–
–
P.64
FD-H35-20S
210 8.268
50 1.969
35 1.378
45 1.772
10 0.394
7 0.276
20 0.787
6 0.236
4 0.157 P.64
FD-H35-M2
300 11.811
83 3.268
60 2.362
50 1.969
12 0.472
9 0.354
50 1.969
10 0.394
7 0.276 P.64
FD-H35-M2S6
300 11.811
80 3.150
50 1.969
50 1.969
14 0.551
10 0.394
40 1.575
10 0.394
7 0.276 P.64
FD-HF40Y
(Note 5)
ø4 mm ø0.157 in Protective tube: fluorine resin, length:500 mm 19.685 in (allowable cutting)
Liquid surface not contacted: Beam received, Liquid surface contacted: Beam interrupted
P.64
FD-L10 (Note 3) 0 to 4.4 0 to 0.173 0 to 4 0 to 0.157 0 to 3.8 0 to 0.150
3.5 0.138
2.5 0.098
2 0.079 0 to 3 0 to 0.118 1 to 2 0.039 to 0.079
–
P.65
FD-L11 (Note 3) 0 to 10 0 to 0.394 0 to 7 0 to 0.276 0 to 7 0 to 0.276
8.5 0.335
6 0.236
5.5 0.217
8 0.315
5 0.197
–
P.65
FD-L12W (Note 3) 0.5 to 10 0.020to0.394 1 to 4.5 0.039to0.177 1 to 3.5 0.039to0.137
–
–
–
–
–
–
P.65
FD-L20H
1 to 32 0.039 to 1.260 4 to 10 0.157 to 0.394 4.5 to 10 0.177 to 0.394 4 to 13 0.157 to 0.512 5 to 9 0.197 to 0.354 5.5 to 8.5 0.217 to 0.334 5 to 11 0.197 to 0.433 6 to 8.5 0.236 to 0.335
–
P.65
FD-L21 (Note 3) 1 to 18 0.039to0.709 3 to 14 0.118to0.551 3 to 13 0.118to0.512
–
–
–
–
–
–
P.65
FD-L21W (Note 3) 3 to 16 0.118to0.630 7 to 12 0.276to0.472 7 to 11 0.276to0.433
–
–
–
–
–
–
P.65
FD-L22A (Note 3) 0 to 26 0 to 1.024 0 to 23 0 to 0.906 0 to 19 0 to 0.748
–
–
–
–
–
–
P.65
FD-L23 (Note 3) 0 to 30 0 to 1.181 0 to 30 0 to 1.181 0 to 28 0 to 1.102
–
–
–
–
–
–
P.65
FD-L30A (Note 3) 0 to 50 0 to 1.969 0 to 36 0 to 1.417 0 to 30 0 to 1.181
–
–
–
–
–
–
P.65
FD-L31A (Note 3) 4 to 33 0.157to1.299 5 to 32 0.197to1.260 5 to 30 0.197to1.181 4 to 31 0.157to1.220
–
–
–
–
–
P.65
FD-L32H (Note 3) 0 to 65 0 to 2.559 15 to 30 0.591to1.181 20 to 25 0.787to0.984 15 to 30 0.591to1.181
–
–
–
–
–
P.66
FD-R31G
240 9.449
42 1.654
30 1.181
41 1.614
9 0.354
6 0.236
21 0.827
5 0.197
2 0.079 P.66
FD-R32EG
90 3.543
15 0.591
10 0.394
10 0.394
2.5 0.098
1.5 0.059
5 0.197
1.3 0.051
–
P.66
FD-R33EG
25 0.984
5 0.197
3 0.118
4 0.157
0.8 0.031
–
2 0.079
–
–
P.66
FD-R34EG
75 2.953
13 0.512
8 0.315
9 0.354
2 0.079
1 0.039
5 0.197
0.9 0.035
–
P.66
FD-R41
330 12.992
65 2.559
47 1.850
51 2.008
10 0.394 1 to 8 0.039 to 0.315
25 0.984 1 to 6 0.039 to 0.236 1 to 5 0.039 to 0.197 P.66
FD-R60
420 16.535
110 4.331
80 3.150
82 3.228
23 0.906
15 0.591
59 2.323
15 0.591
10 0.394 P.66
FD-R61Y
340 13.386
65 2.559
47 1.850
60 2.362 0.5 to 15 0.020 to 0.591 0.5 to 10 0.020 to 0.394
30 1.181 0.5 to 7 0.020 to 0.276 1 to 5 0.039 to 0.197 P.66
FD-S21
80 3.150
18 0.709
13 0.512
12 0.472
2.5 0.098
2 0.079
6.5 0.256
1.5 0.059
1 0.039 P.66
FD-S30
200 7.874
48 0.890
35 1.378
40 1.575
9 0.354
6 0.236
18 0.709
5 0.197
3 0.118 P.67
FD-S31
175 6.890
45 1.772
34 1.339
35 1.378
8 0.315
5 0.197
16 0.630
4 0.157
2 0.079 P.67
FD-S32
510 20.079
120 4.724
90 3.543
105 4.134
27 1.063
18 0.709
65 2.559
16 0.630
11 0.433 P.67
FD-S32W
330 12.992
70 2.756
50 1.969
54 2.126 0.5 to 13 0.020 to 0.512 1 to 8 0.039 to 0.315
29 1.142 1.5 to 7 0.059 to 0.276 1.5 to 4.5 0.059 to 0.177 P.67
FD-S33GW
240 9.449
40 1.575
30 1.181
30 1.181
7 0.276
5 0.197
15 0.591
4 0.157
2 0.079 P.67
FD-S60Y
410 16.142
130 5.118
100 3.937
120 4.724
25 0.984
17 0.669
65 2.559
10 0.394
–
P.67
FD-V30
110 4.331
19 0.748
14 0.551
18 0.709
–
–
10 0.394
–
–
P.67
FD-V30W
30 1.181
5 0.197
3 0.118
–
–
–
–
–
–
P.67
FD-V50
160 6.299
35 1.378
25 0.984
27 1.063
7 0.276
–
16 0.630
–
–
P.68
FD-Z20HBW 1 to 100 0.039to3.937 3 to 20 0.118to0.787 3 to 15 0.118to0.591 3 to 16 0.118to0.630
–
–
3 to 8 0.118 to 0.315
–
–
P.68
FD-Z20W
140 5.512 3 to 26 0.118 to 1.024 3 to 17 0.118 to 0.669 4 to 12 0.157 to 0.472
–
–
–
–
–
P.68
FD-Z40HBW
420 16.535 1 to 80 0.039 to 3.150 1 to 60 0.039 to 2.362 1 to 89 0.039 to 3.504 3 to 20 1.181 to 0.787 3 to 13 1.181 to 0.512 1 to 42 0.039 to 1.654 3 to 11 0.118 to 0.433 3 to 7 0.118 to 0.276 P.68
FD-Z40W
340 13.386 1 to 67 0.039 to 2.638 1 to 48 0.039 to 1.890 1 to 55 0.039 to 2.165 5 to 10 0.197-0.394
– 3 to 25 0.118to0.984
–
–
P.68
FD-Z50HW
10 to 890 0.394to35.039 15 to 210 0.591 to 8.268 15 to 160 0.591 to 6.299 20 to 100 0.787 to 3.937
–
– 20 to 55 0.787to2.165
–
–
P.68
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
2) The sensing range of reflective type is the value for white non-glossy paper (as for
FD-H30-L32 and FD-H18-L31 50 × 50 mm 1.969 × 1.969 in glass
substrate).
3) The sensing range is specified for transparent glass 100 × 100 × t0.7 mm 3.937 × 3.937 × t0.028 in (
FD-L32H: R edge, FD-L21 and FD-L21W: t2 mm
t0.079 in) [
FD-L10: silicon wafers 100 × 100 mm 3.937 × 3.937 in].
4) Sold as a set comprising vacuum type fiber + photo-terminal (
FV-BR1) + fiber at atmospheric side (FT-J8).
5)
Liquid inflow prevention joint, protective tube extension joint, fiber mounting joint are available. Please refer to p.38 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com