Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHD1V331MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UHD1V331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHD1V331MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UHD1V331MPD Datasheet HTML 1Page - Nichicon corporation UHD1V331MPD Datasheet HTML 2Page - Nichicon corporation UHD1V331MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Dimension table in next page.
UHD HighRippleLowImpedance
Lower impedance at high frequency range.
Smaller case size and high ripple current.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Approved by Reliability Center for Electronic
Component, Japan-Certification No. RCJ-03-23C
Radial Lead Type
Type numbering system (Example : 10V 3300µF)
U
1
H
2
D
3
1
4
A
5
3
6
3
7
2
8
M
9
H
10
D
11
12
15min.
4min.
Pressure
relief vent
φd
L ±
(L < 20) 1.5
(L 20) 2.0
(mm)
φD
P
φd
10
5.0
0.6
12.5
5.0
16
7.5
0.6
0.8
0.6
8
3.5
φ D
Pb-free leadwire
Pb-free PET sleeve
8 · 10
PD
12.5 ·16
HD
Configuration
Sleeve (PET)
50Hz
120Hz
1kHz
10kHz 100kHz or more
0.85
0.90
0.95
0.95
0.98
1.00
Cap. (µF)
Frequency
1.00
1.00
1.00
Frequency coefficient of rated ripple current
100 to 330
470 to 1000
1200 to 6800
0.70
0.75
0.80
0.60
0.65
0.75
Specifications
Performance Characteristics
ltem
0.22
0.19
0.16
0.14
0.12
0.10
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Marking
–40 to +105˚C
6.3 to 50V
100 to 6800µF
± 20% at 120Hz, 20˚C
After 2 minutes' application of rated voltage at 20°C, leakage current is not more than 0.01CV (µA).
Rated voltage (V)
Rated voltage (V)
tan δ (max.)
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Z(–25˚C) / Z(+20˚C)
Z(–40˚C) / Z(+20˚C)
Impedance ratio
(max.)
6.3
10
16
25
35
50
2
2
2
2
2
2
3
3
3
3
3
3
6.3
10
16
25
35
50
Printed with white color letter on black sleeve.
120Hz
20˚C
120Hz
The specifications listed below shall be met when
the capacitors are restored to 20˚C after D.C. bias
plus rated ripple current is applied at 105˚C for the
condition listed at right.The peak voltage shall not
exceed the rated voltage.
Rated Voltage
φD(mm)
φ 8
φ10
>=φ12.5
6.3〜50V
3000hrs.
4000hrs.
5000hrs.
tan δ
Within ±25% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
UHD
UHV
Smaller
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)


Similar Part No. - UHD1V331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHD1V102MHD NICHICON-UHD1V102MHD Datasheet
60Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD1V122MHD NICHICON-UHD1V122MHD Datasheet
60Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD1V681MHD NICHICON-UHD1V681MHD Datasheet
60Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UHD1V331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com