Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99832. Datasheet(PDF) 1 Page - Weller Tools

Part # 99832.
Description  No. 2 x 4" Series 99® Interchangeable Pozidriv® Screwdriver Blade
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

99832. Datasheet(HTML) 1 Page - Weller Tools

  99832. Datasheet HTML 1Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/5/2016
Catalog No. 99832 Product Detail
http://www
.apexhandtools.com/brands/CF_Files/model_detail.cfm?upc=037103483539
1/1
Xcelite 
No. 2 x 4" Series 99® Interchangeable Pozidriv® Screwdriver Blade
Product Details
Catalog No.
99832
UPC Code
037103483539
Description
Round Blade
Blade Style
Pozidriv®
Blade/Point Size
1/4 in./6.35 mm
and #2
Blade Diameter
1/4 in./6.35 mm
Working Length
4 in./102 mm
Overall Length
4 in./102 mm
Packaging
Industrial
Box/Carton
Low Res. Image
99832_100.jpg
High Res. Image
99832_300.jpg
Stock Item
Normal Stock Item
Package Details (Dimensions)
Product Features:
Series 99® interchangeable Pozidriv® screwdriver blade
No. 2 x 4"
Pozidriv® is a registered trademark of Camcar Division of Textron, Inc.


Similar Part No. - 99832.

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9983 FESTO-9983 Datasheet
91Kb / 2P
Pneumatic valve
logo
Pro-Signal
9983-1.5M PROSIGNAL-9983-1.5M Datasheet
114Kb / 2P
Scart Lead
16/05/08 V1.0
9983-1.5M ROHS PROSIGNAL-9983-1.5M ROHS Datasheet
114Kb / 2P
Scart Lead
16/05/08 V1.0
More results

Similar Description - 99832.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8CWH02FN-M3 VISHAY-8CWH02FN-M3 Datasheet
149Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
31-Mar-11
VS-8CWH02FN-M3 VISHAY-VS-8CWH02FN-M3 Datasheet
149Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
31-Mar-11
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3 Datasheet
124Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
02-Aug-12
logo
List of Unclassifed Man...
99820 ETC2-99820 Datasheet
43Kb / 1P
Xcelite No. 0 x 4" Series 99짰 Interchangeable Phillips Screwdriver Blade
logo
Vishay Siliconix
VS-HFA08TA60CPBF VISHAY-VS-HFA08TA60CPBF Datasheet
179Kb / 7P
HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
10-Jul-15
logo
CUI INC
SMI-CN-2 CUI-SMI-CN-2 Datasheet
280Kb / 2P
China interchangeable blade
logo
Vishay Siliconix
VS-HFA08TA60C-M3 VISHAY-VS-HFA08TA60C-M3_V01 Datasheet
192Kb / 7P
HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
16-Dec-2021
logo
Western Digital Corpora...
SDCZ50-002G-A11 WESTERN-SDCZ50-002G-A11 Datasheet
481Kb / 2P
SanDisk® Cruzer® Blade™ USB flash drive
Rev. 2, 12/10
logo
Advantech Co., Ltd.
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com