Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBW1C331MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UBW1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBW1C331MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UBW1C331MPD Datasheet HTML 1Page - Nichicon corporation UBW1C331MPD Datasheet HTML 2Page - Nichicon corporation UBW1C331MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UBW HighTemperatureRange,For+135°CUse
Highly dependable reliability withstanding load life of
1000 to 3000 hours at +135°C.
Suited for automobile electronics where heavy duty
services are indispensable.
Compliant to the RoHS directive (2011/65/EU,
(EU)2015/863).
AEC-Q200 Qualified. Please contact us for details.
UBW
UBX
High
Temperature
High
Ripple Current
UBT
UBY
High
Ripple Current
Pressure
relief vent
L±2.0
15min.
4min.
Sleeve (polyolefin)
φd
φD
P
8
3.5
10
5.0
12.5
5.0
16
7.5
φd
0.6
0.6
0.6
0.8
U
1
B
2
W
3
1
4
A
5
2
6
2
7
1
8
M
9
P
10
D
11
0.8
0.8
1.0
1.0
φ D
8 ,10
Pb-free leadwire
Pb-free Polyolefin sleeve
PD
12.5 · 16
HD
Configuration
(mm)
Pressure
relief vent
L±2.0
15min.
4min.
Sleeve (polyolefin)
φd
φD
P
8
3.5
10
5.0
12.5
5.0
16
7.5
φd
0.6
0.6
0.6
0.8
U
1
B
2
W
3
1
4
A
5
2
6
2
7
1
8
M
9
P
10
D
11
0.8
0.8
1.0
1.0
φ D
8 ,10
Pb-free leadwire
Pb-free Polyolefin sleeve
PD
12.5 · 16
HD
Configuration
(mm)
Radial Lead Type
Type numbering system (Example : 10V 220µF)
Frequency coefficient of rated ripple current
V
10
to 100
Frequency
CV
1000 > CV
1000
CV
120Hz
0.50
0.67
300Hz
0.64
0.79
1kHz
0.83
0.91
10kHz or more
1.00
1.00
Dimension table in next page.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
–55 to +135°C
10 to 100V
4.7 to 4700µF
± 20% at 120Hz, 20°C
Printed with white color letter on blue sleeve.
After storing the capacitors under no load at 135˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
10
3
4
16
2
4
25
2
4
35
2
4
50
2
4
63
2
4
80
2
4
100
2
4
The specifications listed below shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied at 135°C for the condition listed at
right.The peak voltage shall not exceed the rated voltage.
120Hz
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
120Hz, 20°C
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Rated voltage (V)
tan δ (max.)
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.10
80
0.08
100
0.08
Impedance ratio
(max.)
After 1 minute's application of rated voltage at 20°C, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
Rated Voltage
φD(mm)
φ 8
φ10
>=φ12.5
10〜100V
1000hrs.
2000hrs.
3000hrs.
Within ±30% of the initial capacitance value
300% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)


Similar Part No. - UBW1C331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBW1C331MPD NICHICON-UBW1C331MPD Datasheet
73Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UBW1C331MPD NICHICON-UBW1C331MPD Datasheet
61Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UBW1C331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com