Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1D331MCL1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # PCM1D331MCL1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCM1D331MCL1GS Datasheet(HTML) 1 Page - Nichicon corporation

  PCM1D331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCM1D331MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High reliability
, Low ESR, High ripple current.
Long life of 8000 hours at 125°C.
SMD type : Lead free reflow soldering
 condition at 260°C peak complete correspondence.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
ESR after Endurance at -40°C.
AEC-Q200 Qualified. Please contact us for details.
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCMChipType,HigherCapacitance
High Temperature Range
Performance Characteristics
–55 to +125°C
Category Temperature Range
Item
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
16 to 80V
12 to 1000µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.03CV.
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 8000 hours (φD = 6.3:6000hours) at 125°C.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 85°C, 85% RH.
After soldering the capacitor under the soldering conditions prescribed
here, the capacitor shall meet the specifications listed at right.
Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec.
The duration for over +230°C temperature at capacitor surface shall not
exceed 60 seconds.
In case peak temperature is 260°C or less, reflow soldering shall be two
times maximum.
Measurement for solder temperature profile shall be made at the
capacitor top.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of initial capacitance value ( 3)
150% or less of the initial specified value
200% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of initial capacitance value ( 3)
150% or less of the initial specified value
200% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
Endurance
Z(+125°C) / Z(+20°C)
1.25
(100kHz)
Z(
–55°C) / Z(+20°C)
1.25
1 ESR should be measured at both of the terminal ends closest where the terminals
protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of
applying DC rated voltage continuously to the capacitor for 120 minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
φ6.3: L±0.3
φ8,10: L ±0.5
H
0.3 max.
C±0.2
Series
Voltage (V:35V)
Plastic platform
Lot No.
Capacitance
Negative
Positive
Negative
Positive
Vibration Resistance
H
0.3 max.
C±0.2
L±0.5
Plastic platform
Aid electrode
Series
Voltage (V:35V)
Lot No.
Capacitance
Standard
Dimensions
P
1
C
2
M
3
1
4
V
5
1
6
5
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Size code
Capacitance tolerance (±20%)
Rated capacitance (150µF)
Rated voltage (35V)
Series name
Type
Standard
Vibration
Resistance
Code
Size
L
※Please ask for
Part Number.
Type numbering system (Example : 35V 150µF)
φ6.3×8L(φ6.3×8L),φ8×10L(φ8×10.5L),φ10×10L(φ10×10.5L),φ10×12.7L(φ10×13.2L) :
The vibration structure-resistant product is also available upon request, please ask for details.
( ) : Size of the vibration structure-resistant product.
Dimension table in next page.
Less than or equal to the specified value at 100kHz, -40°C
ESR after Endurance ( 1)
After storing the capacitors under no load at 125°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Shelf Life
PCM LongLifeAssurance PCR
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
φD
L
A
B
C
E
H
Size
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8×7L
8.0
9.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8×10L
8.0
11.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8×12L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10×8L
6.3
7.9
7.3
6.6
6.6
2.1
0.5 to 0.8
φ6.3×8L
6.3
5.9
7.3
6.6
6.6
2.1
0.5 to 0.8
φ6.3×6L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10×10L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10×12.7L
(mm)
Code C
V
16
D
20
E
25
V
35
H
50
J
63
Voltage
K
80
(mm)
Standard
Size
φD
L
A
B
C
E
H
φ8
×7L
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ6.3
×6L
6.3
5.9
7.3
6.6
6.6
2.1
0.5 to 0.8
φ8
×10L
8.0
9.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ6.3
×8L
6.3
7.9
7.3
6.6
6.6
2.1
0.5 to 0.8
φ8
×12L
8.0
11.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ10
×8L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
×10L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
×12.7L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 to 1.1
Size
φD
L
A
B
C
E
H
φ6.3×8L
6.3
7.5
7.3
6.6
6.6
2.5
0.5 to 0.8
φ8×10.5L
8.0
10.0
9.0
8.3
8.3
3.1
1.1 to 1.5
φ10×10.5L
10.0
10.0
11.0
10.3
10.3
4.6
1.1 to 1.5
φ10×13.2L
10.0
12.7
11.0
10.3
10.3
4.6
1.1 to 1.5
(mm)
Vibration Resistance
Frequency coefficient of rated ripple current
Frequency
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05 0.30 0.70
1.00
CAT.8100N


Similar Part No. - PCM1D331MCL1GS

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCM1-S CUI-PCM1-S Datasheet
382Kb / 5P
DC-DC CONVERTER
PCM1-S CUI-PCM1-S Datasheet
774Kb / 5P
DC-DC CONVERTER
06/30/2021
PCM1-S5-S5-S CUI-PCM1-S5-S5-S Datasheet
382Kb / 5P
DC-DC CONVERTER
PCM1-S5-S5-S CUI-PCM1-S5-S5-S Datasheet
382Kb / 5P
DC-DC CONVERTER
PCM1-S5-S5-S CUI-PCM1-S5-S5-S Datasheet
774Kb / 5P
DC-DC CONVERTER
06/30/2021
More results

Similar Description - PCM1D331MCL1GS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com