Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA1V331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCA1V331MCL1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCA1V331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  PCA1V331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCA1V331MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCA
Rated Voltage
(V)
(code)
Surge
Voltage
(V)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Initial
ESR (mΩ)
(20℃/100kHz)
Low temp.
ESR after
Endurance
(mΩ)
(−40℃ /100kHz)
Rated Ripple
(mArms)
(125℃ /100kHz)
Part Number
(
at 20℃ after
2 minutes
)
25
(1E)
31
220
8×10
0.08
165
20
40
3900
PCA1E221MCL1GS
270
8×12
0.08
202
19
38
4000
PCA1E271MCL1GS
330
10×10
0.08
247
20
40
4600
PCA1E331MCL1GS
470
10×12.7
0.08
352
15
30
5100
PCA1E471MCL1GS
35
(1V)
43
150
8×10
0.08
157
22
44
3900
PCA1V151MCL1GS
220
8×12
0.08
231
21
42
3900
PCA1V221MCL1GS
270
10×10
0.08
283
20
40
4500
PCA1V271MCL1GS
330
10×12.7
0.08
346
16
32
5000
PCA1V331MCL1GS
50
(1H)
63
68
8×10
0.08
102
26
52
3600
PCA1H680MCL1GS
120
△ 8×12
0.08
180
25
50
3700
PCA1H121MCL2GS
120
10×10
0.08
180
25
50
4300
PCA1H121MCL1GS
180
10×12.7
0.08
270
19
38
4600
PCA1H181MCL1GS
63
(1J)
79
47
8×10
0.08
88
28
56
3600
PCA1J470MCL1GS
68
8×12
0.08
128
27
54
3700
PCA1J680MCL1GS
82
10×10
0.08
154
28
56
4300
PCA1J820MCL1GS
120
10×12.7
0.08
226
24
48
4600
PCA1J121MCL1GS
Dimensions
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 2 will be put at 12th digit of type numbering system.
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com