Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCY0J331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCY0J331MCL1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCY0J331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  PCY0J331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCY0J331MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCY
Rated Voltage
(V)
(code)
Surge
Voltage
(V)
Rated
Capacitance
(µF)
Case Size
φD×L
(mm)
tanδ
Leakage Current
(µA)
ESR
(mΩ)
(20℃ /100kHz)
Rated Ripple
(mArms)
(125℃ /100kHz)
Part Number
(
at 20℃ after
2 minutes
)
2.5
(0E)
2.8
560
6.3×6.7
0.12
280
16
1300
PCY0E561MCL1GS
6.3
(0J)
7.2
330
6.3×6.7
0.12
415
18
1300
PCY0J331MCL1GS
16
(1C)
18.4
100
6.3×6.7
0.12
320
25
1000
PCY1C101MCL1GS
Dimensions
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com