Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCZ Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCZ
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCZ Datasheet(HTML) 2 Page - Nichicon corporation

  PCZ Datasheet HTML 1Page - Nichicon corporation PCZ Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCZ
Rated Voltage
(V)
(code)
Surge
Voltage
(V)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Initial
ESR (mΩ)
(20℃/100kHz)
Low temp.
ESR after
Endurance
(mΩ)
(−40℃ /100kHz)
Rated Ripple
(mArms)
(150℃ /100kHz)
Part Number
(
at 20℃ after
2 minutes
)
16
(1C)
20
220
8×7
0.08
105
30
60
800
PCZ1C221MCL1GS
470
▲ 8×10
0.08
225
17
34
1900
PCZ1C471MCL6GS
470
10×8
0.08
225
32
64
1400
PCZ1C471MCL1GS
560
△ 8×12
0.08
268
16
32
2000
PCZ1C561MCL2GS
680
10×10
0.08
326
19
38
1900
PCZ1C681MCL1GS
1000
10×12.7
0.08
480
13
26
2200
PCZ1C102MCL1GS
20
(1D)
25
100
8×7
0.08
60
39
78
600
PCZ1D101MCL1GS
220
▲ 8×10
0.08
132
20
40
1800
PCZ1D221MCL6GS
220
10×8
0.08
132
33
66
1400
PCZ1D221MCL1GS
270
△ 8×12
0.08
162
18
36
1900
PCZ1D271MCL2GS
330
10×10
0.08
198
20
40
1800
PCZ1D331MCL1GS
470
10×12.7
0.08
282
15
30
2100
PCZ1D471MCL1GS
25
(1E)
31
68
8×7
0.08
51
41
82
600
PCZ1E680MCL1GS
150
▲ 8×10
0.08
112
20
40
1800
PCZ1E151MCL6GS
150
10×8
0.08
112
33
66
1400
PCZ1E151MCL1GS
180
△ 8×12
0.08
135
19
38
1900
PCZ1E181MCL2GS
270
10×10
0.08
202
20
40
1800
PCZ1E271MCL1GS
330
10×12.7
0.08
247
15
30
2100
PCZ1E331MCL1GS
35
(1V)
43
47
8×7
0.08
49
44
88
600
PCZ1V470MCL1GS
100
▲ 8×10
0.08
105
22
44
1700
PCZ1V101MCL6GS
100
10×8
0.08
105
33
66
1400
PCZ1V101MCL1GS
150
△ 8×12
0.08
157
21
42
1800
PCZ1V151MCL2GS
180
10×10
0.08
189
20
40
1800
PCZ1V181MCL1GS
220
10×12.7
0.08
231
16
32
2000
PCZ1V221MCL1GS
50
(1H)
63
22
8×7
0.08
33
48
96
600
PCZ1H220MCL1GS
47
▲ 8×10
0.08
70
28
56
1500
PCZ1H470MCL6GS
47
10×8
0.08
70
35
70
1300
PCZ1H470MCL1GS
56
△ 8×12
0.08
84
27
54
1500
PCZ1H560MCL2GS
68
10×10
0.08
102
28
56
1500
PCZ1H680MCL1GS
100
10×12.7
0.08
150
24
48
1600
PCZ1H101MCL1GS
63
(1J)
79
12
8×7
0.08
22
52
104
400
PCZ1J120MCL1GS
27
▲ 8×10
0.08
51
38
76
1300
PCZ1J270MCL6GS
27
10×8
0.08
51
37
74
1300
PCZ1J270MCL1GS
39
△ 8×12
0.08
73
35
70
1300
PCZ1J390MCL2GS
47
10×10
0.08
88
33
66
1400
PCZ1J470MCL1GS
68
10×12.7
0.08
128
28
56
1500
PCZ1J680MCL1GS
Dimensions
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 2 will be put at 12th digit of type numbering system.
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com