Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32MP253A
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32MP253A Datasheet HTML 17Page - STMicroelectronics STM32MP253A Datasheet HTML 18Page - STMicroelectronics STM32MP253A Datasheet HTML 19Page - STMicroelectronics STM32MP253A Datasheet HTML 20Page - STMicroelectronics STM32MP253A Datasheet HTML 21Page - STMicroelectronics STM32MP253A Datasheet HTML 22Page - STMicroelectronics STM32MP253A Datasheet HTML 23Page - STMicroelectronics STM32MP253A Datasheet HTML 24Page - STMicroelectronics STM32MP253A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 234 page
background image
•
Peripheral voltage monitoring
Monitors independently VDDIO2, VDDIO3, VDDIO4, VDDIO1, VDD33UCPD, VDD33USB and VDDA18ADC power
supplies with fixed thresholds. An interrupt or a wake-up can be generated when supplies are below or
above the thresholds.
3.10
Low-power strategy
Several low-power modes are available to save power when the Cortex-A35 and/or the Cortex-M33 do not need
to execute code (when waiting for an external event). It is up to the user to select the mode that gives the best
compromise between low-power consumption, short startup time, and available wake-up sources.
•
Slowing down system clocks (see RCC section in the reference manual)
•
Controlling individual peripheral clocks (see RCC section in the reference manual)
•
Low-power modes:
–
CSleep (CPU clock stopped)
–
CStop (CPU subsystem clock stopped)
–
D1 DStop1 (CPU subsystem clock stopped, normal mode signaled to external regulator)
–
D1 DStandby (domain power down and wake-up via reset)
–
Stop1, LP-Stop1, and LPLV-Stop1 (system clock stalled, normal or low-power mode signaled to
external regulator supplying the VDDCPU and the VDDCORE)
–
Stop2, LP-Stop2, and LPLV-Stop2 (system clock stalled, powered down mode signaled to external
regulator supplying the VDDCPU, and normal or low-power mode signaled to external regulator
supplying the VDDCORE)
–
Standby1 (system powered down and D3 domain in autonomous mode running with local clocks)
–
Standby2 (system powered down, D3 domain also in power down)
3.11
Resource isolation framework (RIF)
The RIF is a comprehensive set of hardware blocks designed to enforce and manage the isolation of STM32
hardware resources like memory and peripherals.
Within a defined hardware execution compartment (eight are available), privileged, unprivileged, secure, and non-
secure application softwares can assign their own embedded memory buffers, external memory regions, and
peripherals thanks to the RIF hardware.
The RIF architectural framework extends to FMC, SYSCFG, IPCC, HSEM, DMA, RTC, TAMP, RCC, PWR, EXTI,
or GPIO.
3.12
Reset and clock controller (RCC)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
The RCC manages the generation of all clocks, as well as the clock gating and the control of system and
peripheral resets. It provides a high flexibility in the choice of clock sources, and allows application of clock ratios
to improve the power consumption. In addition, on some communication peripherals that are capable to work with
two different clock domains (either a bus interface clock or a kernel peripheral clock), the system frequency can
be changed without modifying the peripheral activity rate.
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 21/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com