Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDRIVE102BH Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDRIVE102BH
Description  STDRIVE102BH evaluation board for three-phase brushless motors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 1 Page - STMicroelectronics

  STDRIVE102BH Datasheet HTML 1Page - STMicroelectronics STDRIVE102BH Datasheet HTML 2Page - STMicroelectronics STDRIVE102BH Datasheet HTML 3Page - STMicroelectronics STDRIVE102BH Datasheet HTML 4Page - STMicroelectronics STDRIVE102BH Datasheet HTML 5Page - STMicroelectronics STDRIVE102BH Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Operating voltage from 6 V to 50 V
•
Output current up to 12 Arms: power stage based on STL220N6F7 60 V,
1.2 mΩ N-channel power MOSFETs
•
Three-shunt configuration
•
STDRIVE102BH triple half-bridge gate driver:
–
Programmable gate current (up to 1 A source / 2 A sink)
–
Charge pump for 100 % duty cycle operation
–
Three embedded operational amplifiers and three comparators for
current sensing and overcurrent detection
–
Full set of protections: UVLO, thermal shutdown, VDS monitoring
•
Input connector for Hall-effect based sensors and encoder
•
Motor BEMF sensing network
•
Bus voltage sensing
•
NTC temperature sensing
•
Morpho connectors compatible with a wide range of STM32 NUCLEO boards
Applications
•
Battery supplied power tools
•
Portable vacuum cleaners
•
E-bikes
•
Industrial automation
•
Robotics
•
Pumps and fans
Description
The EVLDRIVE102BH evaluation board is a three-phase inverter based on the
STL220N6F7 power MOSFETs. This evaluation board allows a full evaluation of the
features of the STDRIVE102BH, a triple half-bridge gate driver.
The power stage uses a three-shunt topology: the current sensing and the
overcurrent protections are implemented using the three operational amplifiers and
the three comparators embedded in the STDRIVE102BH.
The embedded protections of the STDRIVE102BH, such as the UVLO on the driving
voltage and the VDS monitoring for each power MOSFET, ensure a safe driving
operation of the power stage.
The EVLDRIVE102BH evaluation board is thermally protected by exploiting both the
hardware thermal shutdown protection embedded in the STDRIVE102BH and also
an onboard NTC sensor placed close to the power stage, for a firmware thermal
protection.
The two diagnostic pins of the STDRIVE102BH, the nFAULT pin for the protection
events and the FLAG pin for the drivers’ supply warning, are both connected to the
control board and are also visible through two different LED indicators.
Product status link
EVLDRIVE102BH
STDRIVE102BH
STL220N6F7
STDRIVE102BH evaluation board for three-phase brushless motors
EVLDRIVE102BH
Data brief
DB5414 - Rev 1 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STDRIVE102BH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDRIVE102BH STMICROELECTRONICS-STDRIVE102BH Datasheet
3Mb / 56P
Triple half-bridge gate driver with programmable currents
24-Mar-2025
STDRIVE102BHTR STMICROELECTRONICS-STDRIVE102BHTR Datasheet
3Mb / 56P
Triple half-bridge gate driver with programmable currents
24-Mar-2025
More results

Similar Description - STDRIVE102BH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
STMicroelectronics
EVALSTDRIVE101 STMICROELECTRONICS-EVALSTDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
EVSPIN32G4 STMICROELECTRONICS-EVSPIN32G4 Datasheet
2Mb / 18P
STSPIN32G4 demonstration board for three-phase brushless motors
15-Mar-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com