Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL1708 Datasheet(PDF) 11 Page - Texas Instruments

Part # PLL1708
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1708 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PLL1708 Datasheet HTML 7Page - Texas Instruments PLL1708 Datasheet HTML 8Page - Texas Instruments PLL1708 Datasheet HTML 9Page - Texas Instruments PLL1708 Datasheet HTML 10Page - Texas Instruments PLL1708 Datasheet HTML 11Page - Texas Instruments PLL1708 Datasheet HTML 12Page - Texas Instruments PLL1708 Datasheet HTML 13Page - Texas Instruments PLL1708 Datasheet HTML 14Page - Texas Instruments PLL1708 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
11
Table 2. Sampling Frequencies
SAMPLING RATE
SAMPLING FREQUENCY (kHz)
Half sampling frequencies†
16
22.05
24
Standard sampling frequencies
32
44.1
48
Double sampling frequencies
64
88.2
96
† PLL1708 only
Table 3. Sampling Frequencies and System Clock Output Frequencies
SAMPLING FREQUENCY (kHz)
SAMPLING RATE
256 fS
SCKO2 (MHZ)
384 fS
SCKO3 (MHZ)
16†
Half
4.096
6.144
22.05†
Half
5.6448
8.4672
24†
Half
6.144
9.216
32
Standard
8.192
12.288
44.1
Standard
11.2896
16.9344
48
Standard
12.288
18.432
64
Double
16.384
24.576
88.2
Double
22.5792
33.8688
96
Double
24.576
36.864
† PLL1708 only
Response time from power on (or applying the clock to XT1) to SCKO settling time is typically 3 ms. Delay time from
sampling frequency change to SCKO settling is 300 ns maximum. Figure 10 illustrates SCKO transient timing in the
PLL1708.
SCKO0
SCKO1
300 ns
SCKO2
SCKO3
MS
Stable
Clock Transition Region
Stable
33.8688 , 36.864, or 24.576 MHz
1–2 Clocks of MCKO1, 2
Figure 10. System Clock Transient Timing
The delay time for hardware control to use SR, FS2, FS1, or CSEL is 150 ns maximum. Figure 11 illustrates SCKO transient
timing in the PLL1707. Clock transient timing is not synchronized with the SCKOs. External buffers are recommended on
all output clocks in order to avoid degrading the jitter performance of the PLL1707/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com