Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9252/ML Datasheet(PDF) 54 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 54 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 50Page - Microchip Technology LAN9252/ML Datasheet HTML 51Page - Microchip Technology LAN9252/ML Datasheet HTML 52Page - Microchip Technology LAN9252/ML Datasheet HTML 53Page - Microchip Technology LAN9252/ML Datasheet HTML 54Page - Microchip Technology LAN9252/ML Datasheet HTML 55Page - Microchip Technology LAN9252/ML Datasheet HTML 56Page - Microchip Technology LAN9252/ML Datasheet HTML 57Page - Microchip Technology LAN9252/ML Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 329 page
background image
LAN9252
DS00001909A-page 54
 2015 Microchip Technology Inc.
(IRQ_CFG). A setting of all zeros disables the de-assertion timer. The de-assertion interval starts when the IRQ pin de-
asserts, regardless of the reason.
The following sections detail each category of interrupts and their related registers. Refer to the corresponding function’s
chapter for bit-level definitions of all interrupt registers.
8.2.1
ETHERNET PHY INTERRUPTS
The Ethernet PHYs each provide a set of identical interrupt sources. The top-level PHY A Interrupt Event (PHY_INT_A)
and PHY B Interrupt Event (PHY_INT_B) bits of the Interrupt Status Register (INT_STS) provide indication that a PHY
interrupt event occurred in the PHY x Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE_x).
PHY interrupts are enabled/disabled via their respective PHY x Interrupt Mask Register (PHY_INTERRUPT_MASK_x).
The source of a PHY interrupt can be determined and cleared via the PHY x Interrupt Source Flags Register (PHY_IN-
TERRUPT_SOURCE_x). Unique interrupts are generated based on the following events:
• ENERGYON Activated
• Auto-Negotiation Complete
• Remote Fault Detected
• Link Down (Link Status Negated)
• Link Up (Link Status Asserted)
• Auto-Negotiation LP Acknowledge
• Parallel Detection Fault
• Auto-Negotiation Page Received
• Wake-on-LAN Event Detected
FIGURE 8-1:
FUNCTIONAL INTERRUPT HIERARCHY
INT_CFG
INT_STS
INT_EN
Top Level Interrupt Registers
(System CSRs)
PHY_INTERRUPT_SOURCE_B
PHY_INTERRUPT_MASK_B
PHY B Interrupt Registers
Bit 27 (PHY_INT_B)
of INT_STS register
PHY_INTERRUPT_SOURCE_A
PHY_INTERRUPT_MASK_A
PHY A Interrupt Registers
Bit 26 (PHY_INT_A)
of INT_STS register
PMT_CTRL
Power Management Control Register
Bit 17 (PME_INT)
of INT_STS register
ECAT_AL_EVENT_REQUEST
ECAT_AL_EVENT_MASK
EtherCAT Interrupt Registers
Bit 0 (ECAT_INT)
of INT_STS register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com