Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNPYR0100C Datasheet(PDF) 2 Page - Alpha Electronics Corp.

Part # FNPYR0100C
Description  High Power Precision Shunt Resistor, Up to 500W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAELECTRONICS [Alpha Electronics Corp.]
Direct Link  https://www.alpha-elec.co.jp/e_index.html
Logo ALPHAELECTRONICS - Alpha Electronics Corp.

FNPYR0100C Datasheet(HTML) 2 Page - Alpha Electronics Corp.

  FNPYR0100C Datasheet HTML 1Page - Alpha Electronics Corp. FNPYR0100C Datasheet HTML 2Page - Alpha Electronics Corp. FNPYR0100C Datasheet HTML 3Page - Alpha Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.alpha-elec.co.jp
2
FNP Series
For any questions, contact
sales-alpha@alpha-elec.co.jp
12600-EN
Rev 26-Feb-2021
TABLE 2—PERFORMANCE
PARAMETERS
SPECIFICATION
Maximum Rated Operating Temperature
25°C (R ≤10 mΩ)
75°C (R >10 mΩ)
Working Temperature Range
–55°C to +125°C
Maximum Working Current
320 A
Single Pulse Power Load
50 J (tp <10 msec)
Dielectric Withstanding Voltage
AC 500 V
Inductance
<10 nH
Internal Thermal Resistance
(element/base plate)
R
θ <0.1°C/W (R >10 mΩ)
R
θ <0.2°C/W (R ≤10 mΩ)
Life (200 W, Element Temperature 100°C)
±0.2% (2000 h)
High Temperature Exposure (125°C)
±0.2% (2000 h)
POWER DERATING CURVE
25
125
75
(%)
(°C)
100
80
60
40
20
0
Ambient Temperature
0
20
40
60
80
100
120
R ≤ 10 mΩ
R > 10 mΩ
TEMPERATURE CHARACTERISTICS OF
RESISTANCE
Ambient Temperature (°C)
Temperature Characteristics of Resistance
400
300
200
100
0
–100
–200
–300
–400
–25
°C
0°C
25°C
50°C
75°C
100°C
125°C
TCR Curve, Typical
+2.5 ppm/°C
–2.5 ppm/°C
+1 ppm/°C
–1 ppm/°C
HIGH TEMPERATURE EXPOSURE (+125°C)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
2000
2500
Time (h)
Long-Term Stability at 125°C
LIFE (200 W, ELEMENT TEMPERATURE
+100°C)
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
Time (h)
Life (200W, Element Temperature +100°C)
0
500
1000
1500
2000
2500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com