Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C8V2. Datasheet(PDF) 2 Page - Multicomp Pro

Part # BZX84C8V2.
Description  Diode, Zener
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BZX84C8V2. Datasheet(HTML) 2 Page - Multicomp Pro

  BZX84C8V2. Datasheet HTML 1Page - Multicomp Pro BZX84C8V2. Datasheet HTML 2Page - Multicomp Pro BZX84C8V2. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Diode, Zener
Page <2>
24/04/08 V1.1
Electrical Characteristics (Ta=25°C unless specified otherwise)
Working
Voltage
∗∗∗∗∗∗V
Z ( ± 5%)
(V)
at IZ test = 5mA
Differential
Resistance
rdiff
((Ω
Ω))
at IZ test = 5mA
Temperature
Coefficient
SZ (mV/K)
at IZ test = 5mA
Differential
Resistance
rdiff
((Ω
Ω))
at IΖΖ test = 1mA
IR at VR
µµA
Marking
Part
Numbers
min
max
max
min
max
Max
max
(V)
9.40
10.60
20
4.5
8.0
150
0.2
7.0
Z9
BZX84C10
10.40
11.60
20
5.4
9.0
150
0.1
8
Y1
BZX84C11
11.40
12.70
25
6.0
10
150
0.1
8
Y2
BZX84C12
12.40
14.10
30
7.0
11
170
0.1
8
Y3
BZX84C13
13.80
15.60
30
9.2
13
200
0.05
10.5
Y4
BZX84C15
15.30
17.10
40
10.4
14
200
0.05
11.2
Y5
BZX84C16
16.80
19.10
45
12.4
16
225
0.05
12.6
Y6
BZX84C18
18.80
21.20
55
14.4
18
225
0.05
14.0
Y7
BZX84C20
20.80
23.30
55
16.4
20
250
0.05
15.4
Y8
BZX84C22
22.80
25.60
70
18.4
22
250
0.05
16.8
Y9
BZX84C24
at Iz test = 2mA
at Iz test = 2mA
at Iz test = 2mA
at Iz test = 0.5mA
25.10
28.90
80
21.4
25.3
300
0.05
18.9
Y10
BZX84C27
28.00
32.00
80
24.4
29.4
300
0.05
21.0
Y11
BZX84C30
31.00
35.00
80
27.4
33.4
325
0.05
23.1
Y12
BZX84C33
34.00
38.00
90
30.4
37.4
350
0.05
25.2
Y13
BZX84C36
37.00
41.00
130
33.4
41.2
350
0.05
27.3
Y14
BZX84C39
40.00
46.00
150
37.6
46.6
375
0.05
30.1
Y15
BZX84C43
44.00
50.00
170
42.0
51.8
375
0.05
32.9
Y16
BZX84C47
4.40
5.00
80
- 3.5
0.2
500
3.0
2.0
Z1
BZX84C4V7
48.00
54.00
180
46.6
57.2
400
0.05
35.7
Y17
BZX84C51
4.80
5.40
60
- 2.7
1.2
480
2.0
2.0
Z2
BZX84C5V1
5.20
6.00
40
- 2.0
2.5
400
1.0
2.0
Z3
BZX84C5V6
5.80
6.60
10
0.4
3.7
150
3.0
4.0
Z4
BZX84C6V2
7.00
7.90
15
2.5
5.3
80
1.0
5.0
Z6
BZX84C7V5
7.70
8.70
15
3.2
6.2
80
0.7
5.0
Z7
BZX84C8V2
8.50
9.60
15
3.8
7.0
100
0.5
6.0
Z8
BZX84C9V1
*** Pulse Test 20ms
≤tp ≤50ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com