Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBF 20-RJ45 Datasheet(PDF) 10 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # MBF 20-RJ45
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

MBF 20-RJ45 Datasheet(HTML) 10 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button MBF 20-RJ45 Datasheet HTML 6Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 20-RJ45 Datasheet HTML 7Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 20-RJ45 Datasheet HTML 8Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 20-RJ45 Datasheet HTML 9Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 20-RJ45 Datasheet HTML 10Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 20-RJ45 Datasheet HTML 11Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 20-RJ45 Datasheet HTML 12Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 20-RJ45 Datasheet HTML 13Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 20-RJ45 Datasheet HTML 14Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Cable glands
Pg cable glands MZI, polyamide, light grey, flat design for internal assembly, IP 65
Model
Order no.
Note
MZI 9
12060200
Pg 13.5; cable diameter 6-8 mm
Pg plug-in cable glands PST, polyamide, light grey, IP 65
Model
Order no.
Note
PST 13 IP
12060600
Pg 13.5; cable diameter 10-12 mm
PST 16 IP
12060700
Pg 16; cable diameter 12-14 mm
Pg twisting nipples WN, polyethylene, light grey
Model
Order no.
Note
WN 9
52020100
Pg 9
WN 11
52020200
Pg 11
WN 13
52020300
Pg 13.5
WN 16
52020400
Pg 16
WN 21
52020500* Pg 21
WN 29
52020600* Pg 29
Notes: Max. IP 54 with correct installation. Metric designs on request.
Metrische Würgenippel MWN, Polyäthylen lichtgrau
Model
Order no.
Note
MWN 12
52060100
M12 x 1,5
MWN 16
52060200
M16 x 1.5
MWN 20
52060300
M20 x 1.5
MWN 25
52060400* M25 x 1.5
MWN 32
52060500* M32 x 1.5
MWN 40
52060600* M40 x 1.5
Pg blind plugs BL, IP 54, polyamide, light grey
Model
Order no.
Note
BL 7
52010000
Pg 7
BL 9
52010100
Pg 9
BL 11
52010200
Pg 11
BL 13
52010300
Pg 13.5
BL 16
52010400
Pg 16
BL 21
52010500
Pg 21
BL 29
52010600
Pg 29
BL 36
52010700* Pg 36
Notes: For increased protection up to IP 65, fit sealing ring DR to connection thread.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com