Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP200FRE-AV Datasheet(PDF) 2 Page - YAGEO Corporation

Part # FMP200FRE-AV
Description  METAL FILM RESISTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FMP200FRE-AV Datasheet(HTML) 2 Page - YAGEO Corporation

  FMP200FRE-AV Datasheet HTML 1Page - YAGEO Corporation FMP200FRE-AV Datasheet HTML 2Page - YAGEO Corporation FMP200FRE-AV Datasheet HTML 3Page - YAGEO Corporation FMP200FRE-AV Datasheet HTML 4Page - YAGEO Corporation FMP200FRE-AV Datasheet HTML 5Page - YAGEO Corporation FMP200FRE-AV Datasheet HTML 6Page - YAGEO Corporation FMP200FRE-AV Datasheet HTML 7Page - YAGEO Corporation FMP200FRE-AV Datasheet HTML 8Page - YAGEO Corporation FMP200FRE-AV Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.yageo.com
Oct. 25, 2021
V.0
Metal Film Resistors
2
16
Product Specification
FMP
Through Hole Resistors
APPLICATIONS
Ÿ All general purpose
applications
Ÿ Power applications
FEATURES
Ÿ Ultra miniature size
Ÿ Wide resistance range
Ÿ High power rating
Ÿ High stability
Ÿ PPAP ready (FMP-50)
Ÿ Flameproof coating equivalent
to UL94V-0
Ÿ RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the high power, flameproof metal film resistor are
identified by the series, power rating, tolerance, packing , temperature
coefficient, forming and resistance value.
PART NUMBER
FMP
200
F
T
F
52-
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES
FMP Series
(2) POWER RATING
-50 = 1/2W
100 = 1W
200 = 2W
3WS = 3W
300= 3W
(3) TOLERANCE
F =
±1%
J =
±5%
(4) PACKAGING
R = Reel Pack
T = Box Pack
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
E =
±50ppm/°C
F =
±100ppm/°C
- = Based on spec.
(6) FORMING
26- = 26mm
52- = 52.4mm
52J = 52.4mm,
Φd=0.8±0.05mm
52E = 52.4mm,
Φd=0.70±0.05mm
73- = 73mm
M = M Type Forming
F = F Type Forming
FK = FK Type Forming
FFK = FFK Type Forming
FKK = FKK Type Forming
FT = FT Type Forming
MT = MTsert
PN = PANAsert
AV = AVIsert
(7) RESISTANCE VALUE
E24 & E96 Series
Example:
100R = 100
Ω, 10K = 10,000Ω, 1M = 1,000,000Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com