Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP100FRE-F Datasheet(PDF) 3 Page - YAGEO Corporation

Part # FMP100FRE-F
Description  METAL FILM RESISTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FMP100FRE-F Datasheet(HTML) 3 Page - YAGEO Corporation

  FMP100FRE-F Datasheet HTML 1Page - YAGEO Corporation FMP100FRE-F Datasheet HTML 2Page - YAGEO Corporation FMP100FRE-F Datasheet HTML 3Page - YAGEO Corporation FMP100FRE-F Datasheet HTML 4Page - YAGEO Corporation FMP100FRE-F Datasheet HTML 5Page - YAGEO Corporation FMP100FRE-F Datasheet HTML 6Page - YAGEO Corporation FMP100FRE-F Datasheet HTML 7Page - YAGEO Corporation FMP100FRE-F Datasheet HTML 8Page - YAGEO Corporation FMP100FRE-F Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.yageo.com
Oct. 25, 2021
V.0
Metal Film Resistors
3
16
Product Specification
FMP
Through Hole Resistors
DIMENSIONS
Unit: mm
Ultra
Miniature
L
ψD
H
ψd
FMP-50
3.4
± 0.3
1.9
± 0.2
28
± 2.0
0.45
±0.05
FMP100
6.3
± 0.5
2.4
± 0.2
28
± 2.0
0.55
±0.05
FMP200
9.0
± 0.5
3.9
± 0.3
26
± 2.0
0.55
±0.05
FMP3WS
11.5
± 1.0
4.5
± 0.5
35
± 2.0
0.8
±0.05
FMP300
15.5
± 1.0
5.0
± 0.5
33
± 2.0
0.8
±0.05
DERATING CURVE
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
FMP-50
FMP100
FMP200
FMP3WS
FMP300
Power Rating at 70
°C
1/2W
1W
2W
3W
3W
Maximum Working Voltage
200V
350V
500V
500V
750V
Maximum Overload Voltage
400V
600V
700V
700V
1000V
Voltage Proof on Insulation
300V
500V
500V
500V
500V
Resistance Range
1
Ω ~ 4M7Ω for E24 & E96 series value
Operating Temp. Range
- 55
°C to +155°C
Temperature Coefficient
±100ppm/°C , ±50ppm/°C(FMP-50 & FMP100 types, R ≥ 10RΩ)
Note: For resistance value out of above range is by request.
Rated Power (%)
100
80
60
40
20
20
40
70
100
155
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com