Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11M Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC11M
Description  TRIPLE 3-INPUT AND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC11M Datasheet(HTML) 1 Page - STMicroelectronics

  74AC11M Datasheet HTML 1Page - STMicroelectronics 74AC11M Datasheet HTML 2Page - STMicroelectronics 74AC11M Datasheet HTML 3Page - STMicroelectronics 74AC11M Datasheet HTML 4Page - STMicroelectronics 74AC11M Datasheet HTML 5Page - STMicroelectronics 74AC11M Datasheet HTML 6Page - STMicroelectronics 74AC11M Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74AC11
TRIPLE 3-INPUT AND GATE
PRELIMINARY DATA
May 1997
s
HIGH SPEED: tPD = 4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 11
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The AC11 is an advanced high-speed CMOS
TRIPLE 3-INPUT AND GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology. It is ideal for low
power
applications
mantaining
high
speed
operation similar to equivalent Bipolar Schottky
TTL.
The internal circuit is composed of 4 stages
including buffer output, which enables high noise
immunity and stable output.
All
inputs and
outputs
are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74AC11B
74AC11M
M
(Micro Package)
B
(Plastic Package)
1/7


Similar Part No. - 74AC11M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC11MTC FAIRCHILD-74AC11MTC Datasheet
80Kb / 7P
Triple 3-Input AND Gate
More results

Similar Description - 74AC11M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
TRIPLE 3-INPUT AND GATE
Aug-2001
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
Triple 3-input AND Gate
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
Triple 3-Input AND Gate
logo
Toshiba Semiconductor
TC74AC11F TOSHIBA-TC74AC11F_12 Datasheet
244Kb / 7P
Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
Triple 3-input AND gate
Rev. 4 - 11 August 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com