Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74ACT20 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT20
Description  DUAL 4-INPUT POSITIVE-NAND GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT20 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT20 Datasheet HTML 1Page - Texas Instruments CD74ACT20 Datasheet HTML 2Page - Texas Instruments CD74ACT20 Datasheet HTML 3Page - Texas Instruments CD74ACT20 Datasheet HTML 4Page - Texas Instruments CD74ACT20 Datasheet HTML 5Page - Texas Instruments CD74ACT20 Datasheet HTML 6Page - Texas Instruments CD74ACT20 Datasheet HTML 7Page - Texas Instruments CD74ACT20 Datasheet HTML 8Page - Texas Instruments CD74ACT20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CD54ACT20, CD74ACT20
DUAL 4-INPUT POSITIVE-NAND GATES
SCHS320 – NOVEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
The ’ACT20 devices contain two independent 4-input NAND gates. They perform the Boolean function
Y = A
• B • C • D or Y = A + B + C + D in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT20E
CD74ACT20E
55
°Cto125°C
SOIC
M
Tube
CD74ACT20M
ACT20M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74ACT20M96
ACT20M
CDIP – F
Tube
CD54ACT20F3A
CD54ACT20F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
Y
H
H
H
H
L
L
XX
X
H
X
LX
X
H
X
XL
X
H
X
X
X
L
H
logic diagram (positive logic)
1A
1Y
1B
1C
1D
2A
2Y
2B
2C
2D
1
2
4
5
9
10
12
13
68
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
CD54ACT20 ...F PACKAGE
CD74ACT20 ...E OR M PACKAGE
(TOP VIEW)
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74ACT20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT20 TI-CD74ACT20 Datasheet
30Kb / 5P
Dual 4-Input NAND Gate
CD74ACT20E TI-CD74ACT20E Datasheet
30Kb / 5P
Dual 4-Input NAND Gate
CD74ACT20E TI1-CD74ACT20E Datasheet
871Kb / 13P
DUAL 4-INPUT POSITIVE-NAND GATES
CD74ACT20EE4 TI1-CD74ACT20EE4 Datasheet
871Kb / 13P
DUAL 4-INPUT POSITIVE-NAND GATES
CD74ACT20M TI-CD74ACT20M Datasheet
30Kb / 5P
Dual 4-Input NAND Gate
More results

Similar Description - CD74ACT20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5420 TI-SN5420 Datasheet
247Kb / 7P
DUAL 4-INPUT POSITIVE-NAND GATES
SN54ALS20A TI-SN54ALS20A Datasheet
95Kb / 6P
DUAL 4-INPUT POSITIVE-NAND GATES
SN54F20 TI-SN54F20 Datasheet
68Kb / 5P
DUAL 4-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS20 RENESAS-HD74LS20 Datasheet
66Kb / 6P
Dual 4-input Positive NAND Gates
logo
Texas Instruments
74ACT11020 TI1-74ACT11020 Datasheet
79Kb / 5P
DUAL 4-INPUT POSITIVE-NAND GATES
5962-8858901DA TI1-5962-8858901DA Datasheet
1Mb / 18P
DUAL 4-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LV20A RENESAS-HD74LV20A_15 Datasheet
94Kb / 11P
Dual 4-input Positive NAND Gates
logo
Texas Instruments
CD54ACT20 TI1-CD54ACT20 Datasheet
871Kb / 13P
DUAL 4-INPUT POSITIVE-NAND GATES
SN54HC20 TI1-SN54HC20_15 Datasheet
1Mb / 20P
DUAL 4-INPUT POSITIVE-NAND GATES
SN5420 TI1-SN5420_15 Datasheet
951Kb / 20P
DUAL 4-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com