Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5886 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5886
Description  COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5886 Datasheet(HTML) 1 Page - STMicroelectronics

  2N5886 Datasheet HTML 1Page - STMicroelectronics 2N5886 Datasheet HTML 2Page - STMicroelectronics 2N5886 Datasheet HTML 3Page - STMicroelectronics 2N5886 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N5884
2N5886
COMPLEMENTARY SILICON
HIGH POWER TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
s
HIGH CURRENT CAPABILITY
APPLICATIONS
s
GENERAL PURPOSE SWITCHING AND
AMPLIFIER
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The 2N5884 and 2N5886 are complementary
silicon power transistor in Jedec TO-3 metal case
inteded for use in power linear amplifiers and
switching applications.
INTERNAL SCHEMATIC DIAGRAM
June 1997
1
2
TO-3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
PNP
2N5884
NPN
2N5886
VCBO
Collector-Base Voltage (IE = 0)
80
V
VCEO
Collector-Emitter Voltage (IB = 0)
80
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
25
A
ICM
Collector Peak Current
50
A
IB
Base Current
7.5
A
Ptot
Total Dissipation at Tc
≤ 25 oC
200
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
For PNP types voltage and current values are negative.
1/4


Similar Part No. - 2N5886

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5886 MOSPEC-2N5886 Datasheet
183Kb / 4P
POWER TRANSISTORS(25A,200W)
logo
STMicroelectronics
2N5886 STMICROELECTRONICS-2N5886 Datasheet
41Kb / 4P
HIGH CURRENT SILICON NPN POWER TRANSISTOR
Jan-2000
logo
Boca Semiconductor Corp...
2N5886 BOCA-2N5886 Datasheet
190Kb / 4P
COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5886 ETC-2N5886 Datasheet
347Kb / 8P
Power Transistors
logo
ON Semiconductor
2N5886 ONSEMI-2N5886 Datasheet
94Kb / 6P
Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
More results

Similar Description - 2N5886

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Oct-1999
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5879 BOCA-2N5879 Datasheet
186Kb / 4P
COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
Complementary Silicon High Power Transistors
12-Dec-2005
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Sep-2003
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055AG ONSEMI-2N3055AG Datasheet
143Kb / 6P
Complementary Silicon High-Power Transistors
September, 2013 ??Rev. 7
TIP35A ONSEMI-TIP35A_12 Datasheet
137Kb / 8P
Complementary Silicon High-Power Transistors
May, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com