Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOPAS-PRIME Datasheet(PDF) 2 Page - Coherent Corp

Part # TOPAS-PRIME
Description  Computer-Controlled Femtosecond Optical Parametric Amplifier Accessory
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

TOPAS-PRIME Datasheet(HTML) 2 Page - Coherent Corp

  TOPAS-PRIME Datasheet HTML 1Page - Coherent Corp TOPAS-PRIME Datasheet HTML 2Page - Coherent Corp TOPAS-PRIME Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS1,2
Wavelength
Range
Pulse Energy
Polarization
<50 fs pump
<110 fs pump
TOPAS-Prime3
Signal
1140 to 1600 nm
>250 µJ (S+I)
>250 µJ (S+I)
V
Idler
1600 to 2600 nm
H
OPTIONS4
VIS Package5
SHI
800 to 1150 nm
>15 µJ6
>30 µJ6
V
SHS
580 to 800 nm
>30 µJ
>80 µJ
H7
BLUE Package5
SFI
533 to 600 nm
>30 µJ
>50 µJ
V
SFS
475 to 533 nm
>40 µJ
>70 µJ
V
UV1 Package
FHI
400 to 480 nm
>2.5 µJ8
>6 µJ8
H
FHS
290 to 400 nm
>5 µJ
>15 µJ
V7
UV2 Package
SHSFI
266 to 295 nm
>3 µJ
>7 µJ
H
SHSFS
240 to 266 nm
>3 µJ
>8 µJ
H
DUV Package
DUV9
189 to 240 nm
>1 µJ
>3 µJ
V
NDFG Package
NDFG110,11
2.6 to 11 µm
>2 µJ at 4 µm
>0.5 µJ at 9 µm
>8 µJ at 4 µm
>1.5 µJ at 10 µm
H
NDFG1-KTA11
2.6 to 4.9 µm
>2 µJ at 4 µm
>8 µJ at 4 µm
H
NDFG211
4 to 20 µm
>1 µJ at 5 µm
>0.1 µJ at 13 µm
>4 µJ at 5 µm
>0.3 µJ at 15 µm
H
1 All specifications are based on pumping with 1 mJ from Astrella, Legend Elite, or Libra systems at 1 kHz (contact factory for other pump systems). Specifications for harmonic wavelengths pumped by Legend Elite USX and Legend Elite Duo USX
models are 25% lower.
2 Energy scales linearly with pump in range 0.3 mJ to 4 mJ for <110 fs pump and 0.3 mJ to 3.5 mJ for <50 fs pump. TOPAS-PrimePlus model extends pump energy input to 5 mJ for both <50 and <110 fs models.
3 Signal pulse width is (0.7 to 1.0) x pump for <110 fs pump duration, (1 to 1.5) x pump for <50 fs pump duration.
4 Energies given at peak of tuning ranges. VIS/BLUE/UV wavelength extension options listed include all mixing crystals listed in preceding options (e.g., TOPAS-Prime-UV-2 options includes crystals, etc., to tune from 240 to 1150 nm).
External mixer or integrated monolithic mixer options available.
5 With optional fresh pump package.
6 With Monolithic mixer option >50 µJ at <110 fs pump and >20 µJ at <50 fs pump.
7 Polarization switches when DUV option is included.
8 With Monolithic mixer option >15 µJ at <110 fs pump and >4 µJ at <50 fs pump.
9 Requires purchase of TOPAS-Prime-M-UV2 option, specifications assume 15 % of pump energy into DUV channel and another 15 % into fresh pump channel. DUV option reduces performance at other wavelengths, contact Coherent for details.
10 Maximum pump repetition rate – 1 kHz. Limited crystal life time of 1000 to 2000 hr.
11 For <50 fs pump NDFG tuning ranges are as follows: NDFG1- 2.6 μm to 9 μm, NDFG1-KTA - 2.6 μm to 4.5 μm and NDFG2 - 4 μm to 15 μm.
TOPAS-Prime Datasheet
0.1
1000
1
10
100
Wavelength (nm)
1001000
10,000
100,000
Signal (1180 to 1620 nm)
Idler (1620 to 2484 nm)
NDFG (2.4 to 11 µm)
SHI (810 to 1180 nm)
SHS (590 to 810 nm)
SFI (533 to 590 nm)
SFS (478 to 533 nm)
FHI (405 to 478 nm)
FHS (295 to 405 nm)
SHSFI (266.5 to 295 nm)
SHSFS (239 to 266.5 nm)
Typical Tuning Curve
(pumped by 1 mJ, 1 kHz, 800 nm Legend Elite)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com