Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGU2Z331MELY Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGU2Z331MELY
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGU2Z331MELY Datasheet(HTML) 1 Page - Nichicon corporation

  LGU2Z331MELY Datasheet HTML 1Page - Nichicon corporation LGU2Z331MELY Datasheet HTML 2Page - Nichicon corporation LGU2Z331MELY Datasheet HTML 3Page - Nichicon corporation LGU2Z331MELY Datasheet HTML 4Page - Nichicon corporation LGU2Z331MELY Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Performance Characteristics
–
40 to + 105°C (16 to 250V) , – 25 to +105°C (315 to 450V)
LGU Snap-inTerminalType,105°CStandard
Specifications
Type numbering system (Example : 200V 680µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Item
16 to 450V
47 to 47000µF
± 20% at 120Hz, 20°C
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz at 20°C
Measurement frequency : 120Hz
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 3000 hours at 105°C,
the peak voltage shall not exceed the rated voltage.
After storing the capacitors under no load at 105°C
for 1000 hours and then performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the characteristic requirements listed at right.
Z(– 25°C) / Z(+20°C)
Z(– 40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
160 to 250
3
12
315 to 450
8
—
Dimension table in next page.
Drawing
L
1
G
2
U
3
2
4
D
5
6
6
8
7
1
8
M
9
E
10
L
11
A
12
Configuration
Case dia. code
Capacitance tolerance (±20%)
Rated capacitance (680µF)
Rated voltage (200V)
Series name
Type
φD
20
22
25
30
Code
Y
Z
A
B
35
C
100.1
2-2φ±0.1
(Terminal dimensions)
The other terminal is also available upon request.
Please refer page 272 for schematic of dimensions.
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
10
L2
4.0 0.5
Pressure relief vent
Sleeve (P.E.T.)
LGU
Frequency coefficient of rated ripple current
Frequency (Hz)
160 to 250V
315 to 450V
Coeff.
50
60
120
300
1k
10k
50k or more
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance (µF) V : Voltage (V)]
3 CV
3 CV
3 CV
16 to 100
4
20
0.88
0.90
1.00
1.07
1.15
1.15
1.15
16 to 100V
Rated voltage (V)
tan δ (max.)
16
0.50
25
0.40
35
0.35
50
0.30
63
0.25
80 •100
0.20
160 to 420
0.15
450
0.20
Smaller
LGN
Low
Profile
LGJ
High Ripple Current
LGW
200% or less than the initial specified value
Leakage current
Less than or equal to the initial specified value
Within ±20% of the initial capacitance value
Capacitance change
tan δ
150% or less than the initial specified value
Leakage current
Less than or equal to the initial specified value
Within ±15% of the initial capacitance value
Capacitance change
tan δ
Withstanding 3000 hours application of rated ripple current at 105°C.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
L
1
G
2
G
3
2
4
G
5
1
6
8
7
1
8
M
9 10
E
13
L
11
14
A
12
2 5
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (180µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
Code
Z
A
B
35
C
10
±0.1
2
×φ2±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
(10
)
L±2
4.0±0.5
Pressure relief vent
Sleeve (PET)
Other terminations available upon request.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors.
LGY
Long Life


Similar Part No. - LGU2Z331MELY

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGU260-EO SIEMENS-LGU260-EO Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
Nichicon corporation
LGU2A102MELA NICHICON-LGU2A102MELA Datasheet
132Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LGU2A102MELZ NICHICON-LGU2A102MELZ Datasheet
132Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LGU2A122MELA NICHICON-LGU2A122MELA Datasheet
132Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LGU2A122MELB NICHICON-LGU2A122MELB Datasheet
132Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGU2Z331MELY

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com