Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLS2C331MELY Datasheet(PDF) 1 Page - Nichicon corporation

Part # LLS2C331MELY
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLS2C331MELY Datasheet(HTML) 1 Page - Nichicon corporation

  LLS2C331MELY Datasheet HTML 1Page - Nichicon corporation LLS2C331MELY Datasheet HTML 2Page - Nichicon corporation LLS2C331MELY Datasheet HTML 3Page - Nichicon corporation LLS2C331MELY Datasheet HTML 4Page - Nichicon corporation LLS2C331MELY Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Frequency (Hz)
350 to 450
8
—
160 to 250
3
12
Z(– 25°C) / Z(+20°C)
Z(– 40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
16 to 100
4
20
Stability at Low Temperature
Tangent of loss angle (tan δ)
Endurance
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 3000 hours at 85°C,
the peak voltage shall not exceed the rated voltage.
– 40 to +85°C (16 to 250V), – 25 to +85°C (350 to 450V)
Category Temperature Range
16
25
35
50
63
80
100
160
180
200
250
350
400
450
0.50
0.40
0.35
0.30
0.25
0.20
0.20
0.15
0.15
0.15
0.15
0.15
0.15
0.20
LLS
Withstanding 3000 hours application of rated ripple current at 85°C.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Marking
Printed with white color letter on black sleeve.
16 to 450V
56 to 56000µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance (µF) V : Voltage (V)]
Measurement frequency :120Hz at 20°C
Rated voltage (V)
tan δ (max.)
Measurement frequency : 120Hz
After storing the capacitors under no load at 85°C
for 1000 hours and then performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the requirements listed at right.
(PC board hole dimensions)
(Terminal dimensions)
10±0
.1
2
×φ2±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8 +0.2
-0.1
Polarity bar
(10
)
L±2
4.0±0.5
Sleeve (PET)
Pressure relief vent
Drawing
Type numbering system ( Example
: 200V 390µF)
L
1
L
2
S
3
2
4
D
5
3
6
9
7
1
8
M
9
E
10
L
11
Z
12
Configuration
Case dia.code
Capacitance tolerance(±20%)
Rated capacitance(390µF)
Rated voltage(200V)
Series name
Type
φD
20
22
25
30
Code
Y
Z
A
B
35
C
Smaller
50k or more
1.15
1.50
1.43
10k
1.15
1.45
1.41
300
1.07
1.17
1.16
120
1.00
1.00
1.00
60
0.90
0.85
0.82
1 k
1.15
1.32
1.30
50
0.88
0.81
0.77
Frequency coefficient of rated ripple current
16 to 100V
160 to 250V
LLS
Item
Performance Characteristics
Shelf Life
Capacitance change
Leakage current
tan δ
Within ±20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
tan δ
Within ±15% of the initial capacitance value
150% or less than the initial specified value
Less than or equal to the initial specified value
3 CV
3 CV
3 CV
350 to 450V
Dimension table in next page.
LLG
Snap-in Terminal Type, 85°C Standard
Other terminations available upon request.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors.


Similar Part No. - LLS2C331MELY

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LLS2A222MELB NICHICON-LLS2A222MELB Datasheet
76Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LLS2D391MELA NICHICON-LLS2D391MELA Datasheet
104Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LLS2D391MELB NICHICON-LLS2D391MELB Datasheet
104Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LLS2D391MELC NICHICON-LLS2D391MELC Datasheet
104Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LLS2D391MELY NICHICON-LLS2D391MELY Datasheet
104Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LLS2C331MELY

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com