Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHT40-BD1F-R2 Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # SHT40-BD1F-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-BD1F-R2 Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  SHT40-BD1F-R2 Datasheet HTML 1Page - Sensirion AG Switzerland SHT40-BD1F-R2 Datasheet HTML 2Page - Sensirion AG Switzerland SHT40-BD1F-R2 Datasheet HTML 3Page - Sensirion AG Switzerland SHT40-BD1F-R2 Datasheet HTML 4Page - Sensirion AG Switzerland SHT40-BD1F-R2 Datasheet HTML 5Page - Sensirion AG Switzerland SHT40-BD1F-R2 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-BD1F-R2 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-BD1F-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-BD1F-R2 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
1 / 24
Datasheet – SHT4x
4th Gen. Relative Humidity and Temperature Sensor
Highlights
Accuracies ΔRH = ±1.0 %RH, ΔT = ±0.1 °C
VDD = 1.08 V … 3.6 V
Avg. current: 0.4 µA, Idle current: 80 nA
I2C FM+, CRC checksum, multip. I2C addr.
Patented protection options1, PTFE membrane
and removable protective cover
Operating range: 0 … 100 %RH, −40…125 °C
Fully functional in a condensing environment
Power heater, true NIST-traceability
JEDEC JESD47 qualification
Sensor-specific calibration certificate acc. to
ISO 17025: 2017, 3-point temp. calibration
SHT4x is a digital sensor platform for measuring relative humidity and temperature at different accuracy
classes. Its I2C interface provides several preconfigured I2C addresses while maintaining an ultra-low power
budget (0.4 μW). The power-trimmed internal heater can be used at three heating levels thus enabling
sensor operation in demanding environments. The four-pin dual-flat-no-leads package is suitable for surface
mount technology (SMT) processing and comprises an optional on-package patented PTFE membrane or a
removable protective cover. Sensor specific calibration certificates according to ISO17025, identifiable
through unique serial numbers, are available.
Device Overview
Functional Block Diagram
Product
Details
SHT40-xD1B
base RH&T accur., possible I2C addr.:
0x44, 0x45, 0x46
SHT40-AD1F
SHT40-AD1B with PTFE membrane
SHT40-AD1P
SHT40-AD1B with protective cover
SHT41-AD1B intermed. RH&T accur., 0x44 I2C addr.
SHT43-ADCB
ISO17025 3-point calibration
certificate
SHT45-AD1B
±1.0 %RH, ±0.1 °C accur.,
0x44 I2C addr.
See full product list on page 21.
1
US 10,281,442 ; EP 2871152 ; CN 104627945
Scan me to provide feedback


Similar Part No. - SHT40-BD1F-R2

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHT40-BD1B SENSIRION-SHT40-BD1B Datasheet
781Kb / 18P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 3 - April 2022
SHT40-BD1B SENSIRION-SHT40-BD1B Datasheet
850Kb / 22P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 4 - November 2022
SHT40-BD1B SENSIRION-SHT40-BD1B Datasheet
676Kb / 17P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 2 - July 2021
SHT40-BD1B-R2 SENSIRION-SHT40-BD1B-R2 Datasheet
781Kb / 18P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 3 - April 2022
SHT40-BD1B-R2 SENSIRION-SHT40-BD1B-R2 Datasheet
676Kb / 17P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 2 - July 2021
More results

Similar Description - SHT40-BD1F-R2

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
Temperature and Relative Humidity Sensor
logo
Humirel
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
Digital relative humidity & temperature sensor
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
Digital relative humidity & temperature sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
Digital relative humidity & temperature sensor
logo
Renesas Technology Corp
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com