Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHT40-AD1P-R2 Datasheet(PDF) 18 Page - Sensirion AG Switzerland

Part # SHT40-AD1P-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1P-R2 Datasheet(HTML) 18 Page - Sensirion AG Switzerland

Back Button SHT40-AD1P-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SHT40-AD1P-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SHT40-AD1P-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1P-R2 Datasheet HTML 17Page - Sensirion AG Switzerland SHT40-AD1P-R2 Datasheet HTML 18Page - Sensirion AG Switzerland SHT40-AD1P-R2 Datasheet HTML 19Page - Sensirion AG Switzerland SHT40-AD1P-R2 Datasheet HTML 20Page - Sensirion AG Switzerland SHT40-AD1P-R2 Datasheet HTML 21Page - Sensirion AG Switzerland SHT40-AD1P-R2 Datasheet HTML 22Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
18 / 24
To ensure full functionality of the sensor and avoid damaging its integrated filter membrane, when mounting
the sensor, follow the reflow soldering process as described in the Handling Instructions [2]. Furthermore, the
therein described care regarding board wash and cleaning still apply.
6.2 Protective Cover
The SHT4x will be available with a second protective option, a removable protective cover to protect the
sensing element during sensor installation. The sensor will be delivered with the protective cover attached
such that the sensor opening is completely covered and sealed. This enables cost-effective brush-over and
spray-over application procedures of conformal coating material. Such coating is often required in highly
corrosive environments to protect solder joints. In this process the protective cover prevents the sensor
opening from being sealed by any coating. Afterwards the protective foil can safely be pulled off with
tweezers at the designated non-sticking flap which contains the anti-adhesion layer.
The protective cover is made of polyimide making it highly resistant to chemicals and elevated temperatures.
To ensure full functionality of the cover, when mounting the sensor, follow the reflow soldering process as
described in the Handling Instruction [3].
Figure 20. Sketch of the SHT4x with attached polyimide foil.
7
Quality and Material Contents
Qualification of SHT4x is performed based on the JEDEC JESD47 qualification test method, qualification
report available on request. The device is fully RoHS and WEEE compliant, e.g. free of Pb, Cd, and Hg.
For general remarks of best practice in processing humidity sensor please refer to the handling instructions
[2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com