Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5259BH Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5259BH
Description  500mW, 2.4V - 75V Surface Mount Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5259BH Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5259BH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5259BH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5259BH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5259BH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ5259BH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ5259BH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMSZ5221BH
– MMSZ5267BH
Taiwan Semiconductor
2
Version: A2503
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PART
NUMBER
DEVICE
MARKING
ZENER
VOLTAGE
TEST
CURRENT
REGULAR
IMPEDANCE
TEST
CURRENT
LEAKAGE
CURRENT
VZ @ IZT
IZT
ZZT
@ IZT
ZZK
@ IZK
IZK
IR @ VR
V
mA
Ω
Ω
mA
µA
V
Min
Nom
Max
Max
Max
Max
MMSZ5221BH
C1
2.28
2.4
2.52
20
30
1200
0.25
100
1.0
MMSZ5222BH
C2
2.38
2.5
2.63
20
30
1200
0.25
100
1.0
MMSZ5223BH
C3
2.57
2.7
2.84
20
30
1300
0.25
75
1.0
MMSZ5225BH
C5
2.85
3.0
3.15
20
30
1600
0.25
50
1.0
MMSZ5226BH
G1
3.14
3.3
3.47
20
28
1600
0.25
25
1.0
MMSZ5227BH
G2
3.42
3.6
3.78
20
24
1700
0.25
15
1.0
MMSZ5228BH
G3
3.71
3.9
4.10
20
23
1900
0.25
10
1.0
MMSZ5229BH
G4
4.09
4.3
4.52
20
22
2000
0.25
5
1.0
MMSZ5230BH
G5
4.47
4.7
4.94
20
19
1900
0.25
5
2.0
MMSZ5231BH
E1
4.85
5.1
5.36
20
17
1600
0.25
5
2.0
MMSZ5232BH
E2
5.32
5.6
5.88
20
11
1600
0.25
5
3.0
MMSZ5233BH
E3
5.70
6.0
6.30
20
7
1600
0.25
5
3.5
MMSZ5234BH
E4
5.89
6.2
6.51
20
7
1000
0.25
5
4.0
MMSZ5235BH
E5
6.46
6.8
7.14
20
5
750
0.25
3
5.0
MMSZ5236BH
F1
7.13
7.5
7.88
20
6
500
0.25
3
6.0
MMSZ5237BH
F2
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMSZ5238BH
F3
8.27
8.7
9.14
20
8
600
0.25
3
6.5
MMSZ5239BH
F4
8.65
9.1
9.56
20
10
600
0.25
3
7.0
MMSZ5240BH
F5
9.50
10
10.50
20
17
600
0.25
3
8.0
MMSZ5241BH
H1
10.45
11
11.55
20
22
600
0.25
2
8.4
MMSZ5242BH
H2
11.40
12
12.60
20
30
600
0.25
1
9.1
MMSZ5243BH
H3
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMSZ5244BH
H4
13.30
14
14.70
9.0
15
600
0.25
0.1
10
MMSZ5245BH
H5
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMSZ5246BH
J1
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMSZ5247BH
J2
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMSZ5248BH
J3
17.10
18
18.90
7.0
21
600
0.25
0.1
14
MMSZ5250BH
J5
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMSZ5251BH
K1
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMSZ5252BH
K2
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMSZ5253BH
K3
23.75
25
26.25
5.0
35
600
0.25
0.1
19
MMSZ5254BH
K4
25.65
27
28.35
5.0
41
600
0.25
0.1
21
MMSZ5255BH
K5
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMSZ5256BH
M1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMSZ5257BH
M2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMSZ5258BH
M3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMSZ5259BH
M4
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMSZ5260BH
M5
40.85
43
45.15
3.0
93
900
0.25
0.1
33



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com