Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWFD2W125JC Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ECWFD2W125JC
Description  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W125JC Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ECWFD2W125JC Datasheet HTML 6Page - Panasonic Semiconductor ECWFD2W125JC Datasheet HTML 7Page - Panasonic Semiconductor ECWFD2W125JC Datasheet HTML 8Page - Panasonic Semiconductor ECWFD2W125JC Datasheet HTML 9Page - Panasonic Semiconductor ECWFD2W125JC Datasheet HTML 10Page - Panasonic Semiconductor ECWFD2W125JC Datasheet HTML 11Page - Panasonic Semiconductor ECWFD2W125JC Datasheet HTML 12Page - Panasonic Semiconductor ECWFD2W125JC Datasheet HTML 13Page - Panasonic Semiconductor ECWFD2W125JC Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Matters to Be Observed When Using This Product
■ The capacitor has an upper limit service temperature (surface temperature) determined in accordance with the type of
a dielectric material making up the capacitor. When using the capacitor at a temperature higher than the rated temperature,
confirm the following classification table because some types capacitors require voltage reduction. Even when the
capacitor can be used at a temperature higher than the rated temperature, make sure that voltage reduction is carried
out to keep the surface temperature equal to or lower than an upper limit service temperature specified in the following
table.
A capacitor used at a high frequency shows a self-temperature rise. A voltage reduction rate shown in the following
table, therefore, cannot be applied in this case.
The AC rated voltage type capacitor does not need a temperature-dependent voltage reduction.
<Rated temperatures, category upper limit temperatures, and voltage reduction rates classified by type in the
case of DC working voltage>
※Rated temperature: upper limit temperature that can be used continuously without involving voltage reduction
(which includes the self-temperature rise value)
※Category upper limit temperature: upper limit temperature that can be used continuously when voltage reduction
is implemented (which includes the self-temperature rise value)
<Voltage reduction example>
When the rated temperature is 85 ℃ and the category upper limit temperature is 105 ℃, voltage reduction is
carried out at a reduction rate of 1.25 %/ ℃ in a temperature range of 85 ℃ or higher.
Polypropylene
(PP)
ECWFJ
Rating 800 V.DC
85
℃
110
℃
1.0 %/
℃
85 ℃
23-Apr-25
Polyester
(PET)
ECQE(F)
85 ℃
105 ℃
1.25%/ ℃
ECQE(B)
ECQE(T)
Voltage reduction is
unnecessary.
ECWF(L)
ECWH(A)
105 ℃
ECWH(C)
ECWF(A)
Rating 450 V DC
85 ℃
ECWF(A)
Rating 250 V DC
105 ℃
1.25%/ ℃
ECWF(A)
Rating 630 V DC
ECWH(V)
ECWFE
Rating 450 V DC
105 ℃
105 ℃
1.0%/ ℃
ECWFE
Rating 630 V DC
ECWFG
Rating 630 V DC
85 ℃
110 ℃
1.0%/ ℃
ECWFD
Rating 450 V DC
85 ℃
110 ℃
0.62%/ ℃
ECWFD
Rating 630 V DC
85 ℃
85 ℃
Voltage reduction is unnecessary.
ECWU(C)
85 ℃
125 ℃
1.25%/ ℃
Polyphenylene sulfide
(PPS)
ECHU(X)
Rating 16 V DC
125 ℃
Voltage reduction is unnecessary.
Voltage reduction is unnecessary.
ECHU(X)
Rating 50 V DC
(0.0001 μF to 0.10 μF)
125 ℃
Polyethylene
naphthalate
(PEN)
ECWU(X)
105 ℃
105 ℃
ECWU(V16)
Voltage reduction is unnecessary.
Rating 50 V DC
105 ℃
125 ℃
1.25%/ ℃
(0.12 μF to 0.22 μF)
ECHU(C)
105 ℃
105 ℃
Voltage reduction is unnecessary.
ECHU(X)
Acrylic resin
ECPU(A)
85 ℃
85 ℃
Dielectric material
Type
Rated
temperat
ure
Category upper limit
temperature
(maximum service
temperature)
Rated voltage in a temperature
range equal to or higher than the
rated temperature
(voltage reduction rate)
100
80
50
90
60
70
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Temperature of the capacitor wall
(℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com