Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC1925 Datasheet(PDF) 1 Page - Comus International

Part # GC1925
Description  Reed Switch - Break Before Make Contact Form
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

GC1925 Datasheet(HTML) 1 Page - Comus International

  GC1925 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES
When cutting or bending switch leads it is important that the glass
seal is not damaged. The cutting or bending point should be no
closer than 3mm (.118in.) to the glass to metal seal and the lead
should be supported between the cutting or bending point and the
glass to metal seal.
We offer a crop and form service for Reed Switches to be
customized to your specification.
Part Number : GC 1925
GC 1925 - Product Data Sheet
Reed Switch - Break Before Make Contact Form
SPECIFICATIONS
Contact Form
C (Break Before Make)
Contact Material
Rhodium
Switching Capacity
Max.
60 W/VA
Switching Voltage
Max.
140 VAC
Switching Current
Max.
1.0 A
Carrying Current
Max.
2.0 A
Dielectric Strength
Min.
250 VDC
Contact Resistance
Max.
100 mOhms
Insulation Resistance
Min.
10
9
Ohms
Pull - In - Sensitivity
40 - 100 AT
Drop - Out - Sensitivity
Min.
20 AT
Switching Time Without Bounce
Max.
4.0 ms
Bounce Time
Max.
0.5 ms
Release Time
Max.
0.15 ms
Resonance Frequency
Typ.
-
Operating Frequency
Max.
100 Hz
Vibration
10 -500
35 Hz
Shock
11 ms
50 G
Capacitance
Typ.
1.0 pF
Operating Temperature Range
Deg
-40 + 125°C
Test Coil
Type
1500
DIMENSIONS

=?
Z
=Z?

=?

=?
PICTURE
Drawings not to scale
All dimensions in mm [inches] nominal.
ORDERING INFORMATION
PART NUMBER GC 1925 95 100
Type
Minimum Sensitivity (AT)
Maximum Sensitivity (AT)
Example: Type 1925, Pull-in sensitivity between 95 - 100AT
is PART NO: GC 1925 95 100
REV. NO.
REVISION NOTE
DATE
SIGNATURE
2
Datasheet Redesign
29-03-07
LG
TAKE A LOOK AT OUR VARIETY OF PRODUCTS
Float Switches
Acceleration /
Shock Switches
Movement
Sensors
Tilt / Tip Switches
Reed Relays
Solid State
Relays
High Breakdown
Switches
Reed Switches
Magnets
Electronic Tilt /
Tip Over
Low Cost - Non
Mercury Switches
Rubber Keymats -
Silicone Rubber
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased
to help you with the latest information on this product range and the details of our full design and manufacturing service. All products are
supplied to our standard conditions of sale unless otherwise agreed in writing.
Phone: (1) 973 777 6900
www.comus-intl.com
Fax : (1) 973 777 8405
Assemtech, UK: +44 (0) 1255 862236 - Belgium: + 32 (0)12 390400 - France: + 33 (0) 1 43 96 86 10
©2007 Copyright Comus International ,454 Alwood Road, Clifton NJ 07012, USA.


Similar Part No. - GC1925

ManufacturerPart #DatasheetDescription
logo
Goford Semiconductor
GC190N65FF GOFORD-GC190N65FF Datasheet
913Kb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
Comus International
GC1915 COMUS-GC1915 Datasheet
304Kb / 1P
Reed Switch - Standard - Change-Over Contacts
GC1917 COMUS-GC1917 Datasheet
302Kb / 1P
Reed Switch - Standard - Change-Over Contacts
More results

Similar Description - GC1925

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9913 VISHAY-SI9913 Datasheet
52Kb / 6P
Dual MOSFET Bootstrapped Driver with Break-Before-Make
21-Dec-00
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
N-Channel Synchronous MOSFETs with Break-Before-Make
19-May-03
SI4728CY VISHAY-SI4728CY Datasheet
77Kb / 9P
N-Channel Synchronous MOSFETs with Break-Before-Make
03-Feb-03
logo
STMicroelectronics
STG5223 STMICROELECTRONICS-STG5223 Datasheet
328Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make
10-Jan-2008
logo
Vishay Siliconix
SI4724 VISHAY-SI4724 Datasheet
161Kb / 11P
N-Channel Synchronous MOSFETs With Break-Before-Make
13-Jun-11
logo
Pasternack Enterprises,...
PE71S6128 PASTERNACK-PE71S6128 Datasheet
464Kb / 4P
Switching Sequence Break Before Make
PE71S6129 PASTERNACK-PE71S6129 Datasheet
462Kb / 4P
Switching Sequence Break Before Make
PE71S6130 PASTERNACK-PE71S6130 Datasheet
455Kb / 4P
Switching Sequence Break Before Make
PE71S6131 PASTERNACK-PE71S6131 Datasheet
432Kb / 4P
Switching Sequence Break Before Make
PE71S6132 PASTERNACK-PE71S6132 Datasheet
492Kb / 4P
Switching Sequence Break Before Make
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com