Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4028BF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC4028BF
Description  BCD-to-Decimal Decoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4028BF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC4028BF Datasheet HTML 1Page - Toshiba Semiconductor TC4028BF Datasheet HTML 2Page - Toshiba Semiconductor TC4028BF Datasheet HTML 3Page - Toshiba Semiconductor TC4028BF Datasheet HTML 4Page - Toshiba Semiconductor TC4028BF Datasheet HTML 5Page - Toshiba Semiconductor TC4028BF Datasheet HTML 6Page - Toshiba Semiconductor TC4028BF Datasheet HTML 7Page - Toshiba Semiconductor TC4028BF Datasheet HTML 8Page - Toshiba Semiconductor TC4028BF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC4028BP/BF/BFN
2007-10-01
3
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
DC supply voltage
VDD
VSS − 0.5 to VSS + 20
V
Input voltage
VIN
VSS − 0.5 to VDD + 0.5
V
Output voltage
VOUT
VSS − 0.5 to VDD + 0.5
V
DC input current
IIN
±10
mA
Power dissipation
PD
300 (DIP)/180 (SOIC)
mW
Operating temperature range
Topr
−40 to 85
°C
Storage temperature range
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (VSS = 0 V) (Note)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
DC supply voltage
VDD
⎯
3
⎯
18
V
Input voltage
VIN
⎯
0
⎯
VDD
V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VDD or VSS.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com