Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NA-RTSM Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Panel PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 3Page - Omron Electronics LLC NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
NYP
Soft-NA
System Requirements
*1. Since one port is for project transfer, it is not required unless the corresponding path is used.
Note: Refer to NA-series catalog (Cat. No. V413) for the system configuration of Soft-NA.
Industrial Monitor API
The Industrial Monitor API allows programmers to create applications that can control the hardware features and
retrieve information from connected Industrial Monitors.
It is pre-installed on the Industrial Box PC and the Industrial Panel PC.
Industrial PC Rescue
Disk Creator
The Industrial PC Rescue Disk Creator creates a USB Rescue Disk which can be used to back-up and restore
the Omron IPC Operating System. It is pre-installed on the Industrial Box PC and the Industrial Panel PC.
Product name
Specifications
Number of licenses
Media
Model
Soft-NA
The Soft-NA is software that displays information on FA
manufacturing sites while providing safety, reliability,
and maintainability as an industrial display on which
operations can be perfoemed as necessary.
The Soft-NA runs on the following OS:
Windows 10 Pro Version 1903 or later 64 bit
−
(Media only)
DVD
NA-RTSM
1 license
USB dongle
NA-RTLD01
3 licenses
NA-RTLD03
10 licenses
NA-RTLD10
Item
Requirement
OS
Windows 10 Pro Version 1903 or later 64 bit
Processor
Intel Atom® x5-E3940 equivalent or higher processor
RAM
4 GB or more
Free space in the hard drive necessary for installation
1 GB or more
Optical disk drive
DVD-ROM drive
Communication port
USB
USB2.0 Type-A x 2
*1
LAN
Ethernet x 2
*1
Item
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com