Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHCV Datasheet(PDF) 5 Page - EPCOS

Part # SHCV
Description  Ceramic transient voltage suppressors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SHCV Datasheet(HTML) 5 Page - EPCOS

  SHCV Datasheet HTML 1Page - EPCOS SHCV Datasheet HTML 2Page - EPCOS SHCV Datasheet HTML 3Page - EPCOS SHCV Datasheet HTML 4Page - EPCOS SHCV Datasheet HTML 5Page - EPCOS SHCV Datasheet HTML 6Page - EPCOS SHCV Datasheet HTML 7Page - EPCOS SHCV Datasheet HTML 8Page - EPCOS SHCV Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Electrical specifications and ordering codes
Maximum ratings (Top,max = 125
°C)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20 µs)
A
Wmax
(2 ms)
mJ
WLD
(10
pulses)
J
Pdiss,max
mW
SR1S14BM105X
B72587G3140S200
14
16
800
2400
6
15
SR1S14BM155X
B72587H3140S200
14
16
800
2400
6
15
SR1S14BM474X
B72587E3140S200
14
16
800
2400
6
15
SR2S14BM155X
B72547H3140S200
14
16
1200
5800
12
30
SR2S14BM474X
B72547E3140S200
14
16
1200
5800
12
30
SR2S14BM475X
B72547L3140S200
14
16
1200
5800
12
30
SR6K14M224X
B72527C3140K000
14
18
200
500
1.5
8
SR1K20M105X
B72587G3200K000
20
26
800
3000
6
15
SR1K20M155X
B72587H3200K000
20
26
800
3000
6
15
SR1K20M225X
B72587J3200K000
20
26
800
3000
6
15
SR1K20M474X
B72587E3200K000
20
26
800
3000
6
15
SR2K20M105X
B72547G3200K000
20
26
1200
7800
12
30
SR2K20M474X
B72547E3200K000
20
26
1200
7800
12
30
SR6K20M105X
B72527G3200K000
20
26
200
700
1.5
8
SR6K35M105X
B72527G3350K000
35
45
100
400
1.5
8
SR6K35M474X
B72527E3350K000
35
45
100
400
1.5
8
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vjump
(5 min)
V
Vclamp,max
V
Iclamp
(8/20 µs)
A
Cnom
(1 kHz, 0.5 V)
nF
∆C
nom
%
SR1S14BM105X
22
+23/ 0
24.5
40
5
1000
±20
SR1S14BM155X
22
+23/ 0
24.5
40
5
1500
±20
SR1S14BM474X
22
+23/ 0
24.5
40
5
470
±20
SR2S14BM155X
22
+23/ 0
24.5
40
10
1500
±20
SR2S14BM474X
22
+23/ 0
24.5
40
10
470
±20
SR2S14BM475X
22
+23/ 0
24.5
40
10
4700
±20
SR6K14M224X
22
±10
-
38
1
220
±20
SR1K20M105X
33
±10
26
58
5
1000
±20
SR1K20M155X
33
±10
26
58
5
1500
±20
SR1K20M225X
33
±10
26
58
5
2200
±20
SR1K20M474X
33
±10
26
58
5
470
±20
SR2K20M105X
33
±10
26
58
10
1000
±20
SR2K20M474X
33
±10
26
58
10
470
±20
SR6K20M105X
33
±10
-
54
1
1000
±20
SR6K35M105X
56
±10
-
90
1
1000
±20
SR6K35M474X
56
±10
-
90
1
470
±20
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 5 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com