Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INAP375R Datasheet(PDF) 4 Page - inova Semiconductors

Part # INAP375R
Description  3GBit/s Digital Automotive Pixel Link Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INAP375R Datasheet(HTML) 4 Page - inova Semiconductors

  INAP375R Datasheet HTML 1Page - inova Semiconductors INAP375R Datasheet HTML 2Page - inova Semiconductors INAP375R Datasheet HTML 3Page - inova Semiconductors INAP375R Datasheet HTML 4Page - inova Semiconductors INAP375R Datasheet HTML 5Page - inova Semiconductors INAP375R Datasheet HTML 6Page - inova Semiconductors INAP375R Datasheet HTML 7Page - inova Semiconductors INAP375R Datasheet HTML 8Page - inova Semiconductors INAP375R Datasheet HTML 9Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
DS_INAP375R Revision 0.6
Inova Semiconductors Confidential
Page 4 of 38
Preliminary Datasheet
1.2 Recommended Operating Conditions
1.3 Electrical Characteristics
1.3.1 Serial Interface
1.3.1.1 Downstream interfaces
The INAP375R offers two serial interfaces in downstream direction. The downstream input interface expects
serial data coming from an APIX transmitter device.
The optional downstream output interface acts as transmitter output to a second connected APIX2 Rx device.
Parameter
Description
Min.
Typ.
Max.
Units
Note
VVDD, VVDD_XTAL
Digital Core supply, Oscillator supply
1.71
1.8
1.89
V
VDVDD,
VDVDD_XTAL
Digital IO Supply,
Digital Oscillator supply
3.0
3.3
3.6
V
VAVDD, VAVDD_VCO CML PHY supply voltage, VCO supply
1.71
1.8
1.89
V
VAVDD_LVDS_PLL,
VAVDD_LVDS
LVDS PLL & Core supply
1.71
1.8
1.89
V
VSUPPLY_NOISE
Analog and Digital Supply Noise
50
mV
Ta
Ambient Temperature
-40
-
+105
° C
Table 1-2: Recommended operating conditions
Parameter
Description
Min.
Typ.
Max.
Unit
Vdiff_in
Differential input
voltage range
tbd.
-
+/-500
mV
Vcmm_SDIN
Serial input common
mode range
VAVDD - 0.5V +
(Vdiff_in/2)
-
VAVDD + 0.5V -
(Vdiff_in/2)
V
Jacceptance
Random Jitter accep-
tance
-
-
tbd.
mUI
Table 1-3: Downstream input interface characteristics (SD_DWN_IN_P, SD_DWN_IN_N)
Parameter
Description
Min.
Typ.
Max.
Unit
Iout_nom_dwn
Drive Current
1
-
4
mA
Table 1-4: Downstream output interface characteristics (SD_DWN_OUT_P, SD_DWN_OUT_N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com